Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84782IR-T Datasheet (PDF) - Intersil Corporation

ISL84782IR-T Datasheet PDF - Intersil Corporation
Part # ISL84782IR-T
Download  ISL84782IR-T Download

File Size   358.07 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer

ISL84782IR-T Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL84782IR-T Datasheet PDF - Intersil Corporation

Part # ISL84782IR-T
Download  ISL84782IR-T Click to download

File Size   358.07 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer

ISL84782IR-T Datasheet (HTML) - Intersil Corporation

Back Button ISL84782IR-T Datasheet HTML 1Page - Intersil Corporation ISL84782IR-T Datasheet HTML 2Page - Intersil Corporation ISL84782IR-T Datasheet HTML 3Page - Intersil Corporation ISL84782IR-T Datasheet HTML 4Page - Intersil Corporation ISL84782IR-T Datasheet HTML 5Page - Intersil Corporation ISL84782IR-T Datasheet HTML 6Page - Intersil Corporation ISL84782IR-T Datasheet HTML 7Page - Intersil Corporation ISL84782IR-T Datasheet HTML 8Page - Intersil Corporation ISL84782IR-T Datasheet HTML 9Page - Intersil Corporation ISL84782IR-T Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL84782IR-T Product details

Ultra Low ON-Resistance, Low-Voltage,
Single Supply, Differential 4 to 1 Analog
Multiplexer
The Intersil ISL84782 device contains precision, bidirectional,
analog switches configured as a differential 4-channel
multiplexer/demultiplexer. It is designed to operate from a
single +1.6V to +3.6V supply. The device has an inhibit pin to
simultaneously open all signal paths.
ON resistance is 0.5Ω with a +3V supply and 0.62Ω with a
single +1.8V supply. Each switch can handle rail to rail
analog signals. The off-leakage current is only 4nA max at
+25°C and 30nA max at +85°C with a +3.3V supply.
All digital inputs are 1.8V logic-compatible when using a
single +3V supply.
The ISL84782 is a differential 4 to 1 multiplexer device that is
offered in a 16 Ld TSSOP package and a 16 Ld thin QFN
package.

Features
• Pin Compatible Replacement for the MAX4782 and
MAX4618
• ON Resistance (RON)
- V+ = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5Ω
- V+ = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.62Ω
• RON Matching Between Channels. . . . . . . . . . . . . . . . 0.12Ω
• RON Flatness Across Signal Range . . . . . . . . . . . . . .0.056Ω
• Single Supply Operation. . . . . . . . . . . . . . . . . +1.6V to +3.6V
• Low Power Consumption (PD). . . . . . . . . . . . . . . . . . <0.2µW
• Fast Switching Action (VS = +3V)
- tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16ns
- tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13ns
• Guaranteed Break-Before-Make
• High Current Handling Capacity (300mA Continuous)
• Available in 16 Ld 3x3 Thin QFN and 16 Ld TSSOP
• 1.8V CMOS-Logic Compatible (+3V Supply)
• Pb-Free Available (RoHS Compliant) (see Ordering Info)
• ISL84782IR Replaces the ISL43L740IR.

Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones
- Pagers
- Laptops, Notebooks, Palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and Video Switching




Similar Part No. - ISL84782IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84782IR-T INTERSIL-ISL84782IR-T Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL84782IR-T RENESAS-ISL84782IR-T Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Similar Description - ISL84782IR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841_14 Datasheet
323Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 INTERSIL-ISL84782 Datasheet
356Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058 Datasheet
249Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com