Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1463 Datasheet (PDF) - Hamamatsu Corporation

R1463 Datasheet PDF - Hamamatsu Corporation
Part # R1463_15
Download  R1463 Download

File Size   49.05 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type

R1463 Datasheet (PDF)

Go To PDF Page Download Datasheet
R1463 Datasheet PDF - Hamamatsu Corporation

Part # R1463_15
Download  R1463 Click to download

File Size   49.05 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description 13 mm (1/2 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type

R1463 Datasheet (HTML) - Hamamatsu Corporation

R1463_15 Datasheet HTML 1Page - Hamamatsu Corporation R1463_15 Datasheet HTML 2Page - Hamamatsu Corporation



Similar Part No. - R1463_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1463P HAMAMATSU-R1463P Datasheet
45Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Similar Description - R1463_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464_15 Datasheet
51Kb / 2P
   19 mm (3/4 Inch) Diameter, S-20 Spectral Response Multialkali Photocathode, 10-Stage, Head-on Type
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
   51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
R12857 HAMAMATSU-R12857 Datasheet
144Kb / 2P
   13 mm (1/2 inch) diameter, 9-stage, High QE multialkali photocathode
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R759 HAMAMATSU-R759_15 Datasheet
40Kb / 2P
   For UV Range, 13 mm (1/2 Inch) Diameter Head-on, 10-Stage, Cs-Te Photocathode
R375 HAMAMATSU-R375_15 Datasheet
43Kb / 2P
   160 nm to 850 nm Response (Multialkali) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
R374 HAMAMATSU-R374_15 Datasheet
26Kb / 2P
   Multialkali Photocathode for UV to Near IR Range 28 mm (1-1/8 Inch) Diameter, 11-stage Head-On Type
R550 HAMAMATSU-R550_15 Datasheet
51Kb / 2P
   300 nm to 850 nm Response (S-20) 51 mm (2 Inch) Diameter, 10-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com