Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R331-05 Datasheet (PDF) - Hamamatsu Corporation

R331-05 Datasheet PDF - Hamamatsu Corporation
Part # R331-05_15
Download  R331-05 Download

File Size   58.85 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type

R331-05 Datasheet (PDF)

Go To PDF Page Download Datasheet
R331-05 Datasheet PDF - Hamamatsu Corporation

Part # R331-05_15
Download  R331-05 Click to download

File Size   58.85 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type

R331-05 Datasheet (HTML) - Hamamatsu Corporation

R331-05_15 Datasheet HTML 1Page - Hamamatsu Corporation R331-05_15 Datasheet HTML 2Page - Hamamatsu Corporation



Similar Part No. - R331-05_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R331-05 HAMAMATSU-R331-05 Datasheet
51Kb / 4P
   PHOTOMULTIPLIER TUBES
More results


Similar Description - R331-05_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
   For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
   For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
   For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
   For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
   For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R464 HAMAMATSU-R464_15 Datasheet
46Kb / 2P
   For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
R580 HAMAMATSU-R580_15 Datasheet
50Kb / 2P
   For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type
H7360 HAMAMATSU-H7360 Datasheet
81Kb / 2P
   Photon Counting Head
H11123 HAMAMATSU-H11123 Datasheet
73Kb / 2P
   Photon Counting Head
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com