Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37225M6 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37225M6 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37225M6
Download  M37225M6 Download

File Size   1610.36 Kbytes
Page   133 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???

M37225M6 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37225M6 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37225M6
Download  M37225M6 Click to download

File Size   1610.36 Kbytes
Page   133 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???

M37225M6 Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button M37225M6 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37225M6 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

M37225M6 Product details

DESCRIPTION
The M37225M6-XXXSP, M37225M8-XXXSP, and M37225ECSP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, I2C-BUS interface, PWM output, and 12 V withstand, so it is useful for a channel selection system for TV.
The features of the M37225ECSP are similar to those of the M37225M6-XXXSP except that the chip has a built-in PROM which can be written electrically. The difference between M37225M6-XXXSP and M37225M8-XXXSP are the ROM size. Accordingly, the following descriptions will be for the M37225M6-XXXSP.

FEATURES
● Number of basic instructions .................................................... 71
● Memory size
   ROM ..................... 24K bytes (M37225M6-XXXSP)
      32K bytes (M37225M8-XXXSP)
      48K bytes (M37225ECSP)
   RAM ...................... 1024 bytes (M37225M6-XXXSP,
      M37225M8-XXXSP)
      2048 bytes (M37225ECSP)
      (*ROM correction memory included)
● Minimum instruction execution time
   ......................................... 0.5 µs (at 8 MHz oscillation frequency)
● Power source voltage ................................................. 5 V ± 10 %
● Subroutine nesting ............................................. 128 levels (Max.)
● Interrupts ....................................................... 16 types, 16 vectors
● 8-bit timers .................................................................................. 4
● Programmable I/O ports (Ports P0, P1, P2, P30–P32, P35) ..... 28
● Input ports (Ports P33, P34, P50, P51) ........................................ 4
● Output ports (Ports P52–P55) ..................................................... 4
● 12 V withstand ports ................................................................... 6
● LED drive ports ........................................................................... 4
● Serial I/O ............................................................ 8-bit ✕ 1 channel
● Multi-master I2C-BUS interface .............................. 1 (2 systems)
● A-D converter (8-bit resolution) .................................... 8 channels
● PWM output circuit ........................................ 14-bit ✕ 2, 8-bit ✕ 6
● Power dissipation
   In operating ...................................................................... 165 mW
   (at VCC = 5.5V, 8 MHz oscillation frequency, and OSD on)
● ROM correction function ................................................ 3 vectors
● Immediate return mode from wait state
● OSD function
   Display characters ............................................... 24 characters ✕ 2 lines
      (It is possible to display 3 lines or more by software)
   Kinds of characters ......... 381 kinds
   Character display area 16 ✕ 20 dots
   Kinds of character sizes .............................. Block display: 3 kinds
                                                                         SPRITE display: 1 kinds
   Kinds of character colors. ................................. 8 colors (R, G, B)
   Coloring unit ................... character, character background, raster
   Display position
      Horizontal: 64 levels Vertical :255 levels
   Attribute ........ Border (all-bordered, shadow-bordered), BUTTON
   SPRITE display function
   Wallpaper function
   Window function
   Corresponding to bi-scan mode

APPLICATION
   TV




Similar Part No. - M37225M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M37225M6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H Datasheet
1Mb / 112P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com