Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A9261-A-000 Datasheet (PDF) - AMIC Technology

A9261-A-000 Datasheet PDF - AMIC Technology
Part # A9261-A-000
Download  A9261-A-000 Download

File Size   83.3 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz ISO-14443A Reader Module

A9261-A-000 Datasheet (PDF)

Go To PDF Page Download Datasheet
A9261-A-000 Datasheet PDF - AMIC Technology

Part # A9261-A-000
Download  A9261-A-000 Click to download

File Size   83.3 Kbytes
Page   2 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 13.56MHz ISO-14443A Reader Module

A9261-A-000 Datasheet (HTML) - AMIC Technology

A9261-A-000 Datasheet HTML 1Page - AMIC Technology A9261-A-000 Datasheet HTML 2Page - AMIC Technology

A9261-A-000 Product details

13.56MHz ISO-14443A Reader Module

AMIC’s A9261-A-000 reader module is a high performance and cost effective 13.56MHz contactless reader module designed to compliant with ISO 14443A standard.

Feature
● ISO-14443A protocol standard
● Serial communication speed 9600 bps
● Powerful protocol interface
● Single +5VDC supply voltage

Applications
● Logistics
● Access control
● Object tracking
● Asset management
● Identification




Similar Part No. - A9261-A-000

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
   13.56MHz ISO15693 Reader Module
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
   13.56MHz ISO15693 Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
logo
Tyco Electronics
A92664-000 MACOM-A92664-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TOKO, Inc
A926AY-100M TOKO-A926AY-100M Datasheet
95Kb / 1P
   Fixed Inductors for Surface Mounting
More results


Similar Description - A9261-A-000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
   Highly Integrated ISO 14443A Reader IC
January 2002
logo
AMIC Technology
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
   13.56MHz ISO15693 Reader Module
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
   13.56MHz ISO15693 Reader Module
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
   13.56MHz Industrial RFID Reader
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
AMIC Technology
A9230-C AMICC-A9230-C Datasheet
85Kb / 2P
   13.56MHz Desk-Top Reader System
A9230-D AMICC-A9230-D Datasheet
115Kb / 2P
   13.56MHz Desk-Top Reader System
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com