Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11660FV-MPB-H Datasheet (PDF) - ON Semiconductor

LB11660FV-MPB-H Datasheet PDF - ON Semiconductor
Part # LB11660FV-MPB-H
Download  LB11660FV-MPB-H Download

File Size   129.81 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-pre Motor Driver Single-Phase Full-Wave Drive

LB11660FV-MPB-H Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11660FV-MPB-H Datasheet PDF - ON Semiconductor

Part # LB11660FV-MPB-H
Download  LB11660FV-MPB-H Click to download

File Size   129.81 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Half-pre Motor Driver Single-Phase Full-Wave Drive

LB11660FV-MPB-H Datasheet (HTML) - ON Semiconductor

LB11660FV-MPB-H Datasheet HTML 1Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 2Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 3Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 4Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 5Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 6Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 7Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 8Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 9Page - ON Semiconductor LB11660FV-MPB-H Datasheet HTML 10Page - ON Semiconductor

LB11660FV-MPB-H Product details

Overview
The LB11660FV is a single-phase bipolar drive half-predriver motor driver that can easily implement a direct PWM driver motor driver circuit with excellent efficiency. The LB11660FV is particularly well suited for the miniature fans used in servers.

Features
● Single-phase full-wave drive (15V, 1.5A transistors are built in)
   Half predriver with integrated high side transistor
● Built-in variable speed function controlled by an external input
   The LB11660FV can implement quiet, low-vibration variable speed control
   using externally clocked high side transistor direct PWM drive.
● Minimum speed setting pin
● Current limiter circuit
   (The limit value is determined by Rf; IO = 1A when RF = 0.5)
● Built-in kickback absorption circuit
● Soft switching circuit makes low current consumption, low loss, and low
   noise drive possible at phase switching
● Built-in HB
● Built-in lock protection and automatic recovery circuits
   (built-in on/off ratio switching circuit controlled by the supply voltage)
● FG (speed detection) output
● Built-in thermal protection circuit (design guarantee)




Similar Part No. - LB11660FV-MPB-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11660FV SANYO-LB11660FV Datasheet
111Kb / 8P
   Single-Phase Full-Wave Fan Motor Driver
More results


Similar Description - LB11660FV-MPB-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11660RV ONSEMI-LB11660RV Datasheet
118Kb / 9P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com