Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-543-E Datasheet (PDF) - ON Semiconductor

STK672-543-E Datasheet PDF - ON Semiconductor
Part # STK672-543-E
Download  STK672-543-E Download

File Size   130.65 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Stepping Motor Driver

STK672-543-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK672-543-E Datasheet PDF - ON Semiconductor

Part # STK672-543-E
Download  STK672-543-E Click to download

File Size   130.65 Kbytes
Page   22 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2-phase Stepping Motor Driver

STK672-543-E Datasheet (HTML) - ON Semiconductor

Back Button STK672-543-E Datasheet HTML 1Page - ON Semiconductor STK672-543-E Datasheet HTML 2Page - ON Semiconductor STK672-543-E Datasheet HTML 3Page - ON Semiconductor STK672-543-E Datasheet HTML 4Page - ON Semiconductor STK672-543-E Datasheet HTML 5Page - ON Semiconductor STK672-543-E Datasheet HTML 6Page - ON Semiconductor STK672-543-E Datasheet HTML 7Page - ON Semiconductor STK672-543-E Datasheet HTML 8Page - ON Semiconductor STK672-543-E Datasheet HTML 9Page - ON Semiconductor STK672-543-E Datasheet HTML 10Page - ON Semiconductor Next Button 

STK672-543-E Product details

Overview
The STK672-543-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.

Features
• The motor speed can be controlled by the frequency of an external clock signal.
• 2-phase excitation or 1-2 phase excitation is selected according to switching the state of the MODE pin (low or high).
• The phase is maintained even if the excitation mode is switched in the middle of operation.
• The direction of rotation can be changed by applying a high or low signal to the CWB pin used to select the direction of rotation.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.11Ω: resistor tolerance ±2%), motor current can be set using two external resistors.
• Equipped with an ENABLE pin that, during clock input, allows motor output to be cut-off and resumed later while maintaining the same excitation timing.

Applications
• Office photocopiers, printers, etc.




Similar Part No. - STK672-543-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-543-E SANYO-STK672-543-E Datasheet
133Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Similar Description - STK672-543-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com