Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJSRV05W-4W6-AU Datasheet (PDF) - Pan Jit International Inc.

PJSRV05W-4W6-AU Datasheet PDF - Pan Jit International Inc.
Part # PJSRV05W-4W6-AU
Download  PJSRV05W-4W6-AU Download

File Size   322.75 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW CAPACITANCE TVS DIODE ARRAY

PJSRV05W-4W6-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSRV05W-4W6-AU Datasheet PDF - Pan Jit International Inc.

Part # PJSRV05W-4W6-AU
Download  PJSRV05W-4W6-AU Click to download

File Size   322.75 Kbytes
Page   5 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description LOW CAPACITANCE TVS DIODE ARRAY

PJSRV05W-4W6-AU Datasheet (HTML) - Pan Jit International Inc.

PJSRV05W-4W6-AU Datasheet HTML 1Page - Pan Jit International Inc. PJSRV05W-4W6-AU Datasheet HTML 2Page - Pan Jit International Inc. PJSRV05W-4W6-AU Datasheet HTML 3Page - Pan Jit International Inc. PJSRV05W-4W6-AU Datasheet HTML 4Page - Pan Jit International Inc. PJSRV05W-4W6-AU Datasheet HTML 5Page - Pan Jit International Inc.

PJSRV05W-4W6-AU Product details

LOW CAPACITANCE TVS DIODE ARRAY

The PJSRV05W-4W6 has a low typical capacitance of 1pF and operates with virtually no insertion loss to 1GHz.This makes the device ideal for protection of high-speed data lines such as USB2.0,Firewire,DVI,and Gigabit Ethernet interfaces.
The low capacitance array configuration allows the user to protect four high-speed data or transmission lines.The low inductance construction minimizes voltage overshoot during high current surge.

FEATURES
• IEC61000-4-2 ESD 15kV Air,8kV Contact compliance
• Low leakage current
• Low clamping voltage
• Peak power dissipation of 50W under 8/20μs waveform
• Protect four I/O lines
• Molded JEDEC SOT-23 6L package
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified

APPLICATIONS
• USB 2.0 Power and Data Line Protection
• Video Graphics Cards
• Mouitors and Flat Panel Displays
• Digital Vedio Interface (DVI)
• 10/100/1000 Ethernet
• ATM Interfaces

MECHANICAL DATA
• Case: SOT-23 6L, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Weight: approximately 0.0002 ounces, 0.006 grams
• Marking : K6W




Similar Part No. - PJSRV05W-4W6-AU

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSRV05W-4W6 PANJIT-PJSRV05W-4W6 Datasheet
3Mb / 5P
   LOW CAPACITANCE TVS DIODE ARRAY
PJSRV05W-4W6_R1_00001 PANJIT-PJSRV05W-4W6_R1_00001 Datasheet
3Mb / 5P
   LOW CAPACITANCE TVS DIODE ARRAY
PJSRV05W-4W6_R2_00001 PANJIT-PJSRV05W-4W6_R2_00001 Datasheet
3Mb / 5P
   LOW CAPACITANCE TVS DIODE ARRAY
More results


Similar Description - PJSRV05W-4W6-AU

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XBP1001 TOREX-XBP1001 Datasheet
183Kb / 5P
   Low Capacitance TVS Diode Array
XBP1004 TOREX-XBP1004 Datasheet
169Kb / 5P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSULC0502T3 YEASHIN-YSULC0502T3 Datasheet
768Kb / 3P
   Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
LC05CD LEIDITECH-LC05CD Datasheet
145Kb / 3P
   Low Capacitance TVS Diode Array
logo
Torex Semiconductor
XBP14E5UFN-G TOREX-XBP14E5UFN-G Datasheet
187Kb / 6P
   Low Capacitance TVS Diode Array
logo
Yea Shin Technology Co....
YSBLCXXC YEASHIN-YSBLCXXC Datasheet
1Mb / 10P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC03C YEASHIN-YSBLC03C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
YSBLC08C YEASHIN-YSBLC08C Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECGLBXXCG E-CMOS-ECGLBXXCG Datasheet
242Kb / 3P
   Low Capacitance TVS Diode Array
logo
Semtech Corporation
SRV08-4 SEMTECH-SRV08-4 Datasheet
503Kb / 7P
   Low Capacitance TVS Diode Array
SRDA3.3-4 SEMTECH-SRDA3.3-4_03 Datasheet
259Kb / 10P
   Low Capacitance TVS Diode Array
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com