Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23826-H18-C63 Datasheet (PDF) - Infineon Technologies AG

V23826-H18-C63 Datasheet PDF - Infineon Technologies AG
Part # V23826-H18-C63
Download  V23826-H18-C63 Download

File Size   422.79 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver

V23826-H18-C63 Datasheet (PDF)

Go To PDF Page Download Datasheet
V23826-H18-C63 Datasheet PDF - Infineon Technologies AG

Part # V23826-H18-C63
Download  V23826-H18-C63 Click to download

File Size   422.79 Kbytes
Page   14 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description DC/DC (5 V/3.3 V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver

V23826-H18-C63 Datasheet (HTML) - Infineon Technologies AG

Back Button V23826-H18-C63 Datasheet HTML 1Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 2Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 3Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 4Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 5Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 6Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 7Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 8Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 9Page - Infineon Technologies AG V23826-H18-C63 Datasheet HTML 10Page - Infineon Technologies AG Next Button 



Similar Part No. - V23826-H18-C63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-H18-C316 INFINEON-V23826-H18-C316 Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-H18-C356 INFINEON-V23826-H18-C356 Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
More results


Similar Description - V23826-H18-C63

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23826-C18-C64 INFINEON-V23826-C18-C64 Datasheet
413Kb / 15P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver
2000-03-01
V23826-C18-T63 INFINEON-V23826-C18-T63 Datasheet
273Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver with ST Connector
2000-01-01
V23826-C18-C366 INFINEON-V23826-C18-C366 Datasheet
454Kb / 15P
   DC/DC (3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-04-01
V23826-H18-C366 INFINEON-V23826-H18-C366 Datasheet
407Kb / 14P
   DC/DC (3.3V) Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
2000-06-01
V23826-C18-T64 INFINEON-V23826-C18-T64 Datasheet
275Kb / 12P
   DC/DC (5 V/3.3 V) Single Mode 155 MBd ATM/SDH/SONET 1x9 Long Haul Transceiver with ST Connector
2000-03-01
V23826-H18-C INFINEON-V23826-H18-C Datasheet
291Kb / 9P
   Single Mode 622 MBd ATM/SDH/SONET 1x9 Transceiver Extended Temperature Range
APRIL 2000
V23826-C18-C363 INFINEON-V23826-C18-C363 Datasheet
231Kb / 7P
   Single Mode 155 MBd ATM/SDH/SONET 1x9 Transceiver
JANUARY 2000
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
logo
Infineon Technologies A...
V23818-C18-LX INFINEON-V23818-C18-LX Datasheet
436Kb / 8P
   Small Form Factor Single Mode 1300 nm 155 MBd ATM/SDH/SONET Transceiver 2x5 Pinning with LC??Connector
JANUARY 2002
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com