Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV3002S-13 Datasheet (PDF) - Diodes Incorporated

AZV3002S-13 Datasheet PDF - Diodes Incorporated
Part # AZV3002S-13
Download  AZV3002S-13 Download

File Size   653.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3002S-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZV3002S-13 Datasheet PDF - Diodes Incorporated

Part # AZV3002S-13
Download  AZV3002S-13 Click to download

File Size   653.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3002S-13 Datasheet (HTML) - Diodes Incorporated

Back Button AZV3002S-13 Datasheet HTML 1Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 2Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 3Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 4Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 5Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 6Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 7Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 8Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 9Page - Diodes Incorporated AZV3002S-13 Datasheet HTML 10Page - Diodes Incorporated Next Button 

AZV3002S-13 Product details

Description
AZV3001 and AZV3002 are single and dual channel comparators developed for new generation low-power comparator families for battery-powered devices and systems requiring low voltage operation.
The supply current each comparator typically consumes is 6µA to extend battery life. It is guaranteed to operate at a low voltage of 1.6V and is fully operational up to 5.5V. These features make the AZV3001 and AZV3002 convenient for use in 1.8V, 3.0V and 5.0V systems, and are perfectly suitable for battery-powered devices from its low-power characteristics.

Features
 • Low Supply Current: 6µA (typical)
 • Wide Supply Voltage Range: 1.6~5.5V
 • Rail to Rail Input/ Output Performance
 • Push-Pull Output Structure
 • Propagation Delay: 0.8µs (typical)
 • Low Input Bias Current: 1pA (typical)
 • No Phase Inversion with Overdrive Input Signals
 • Internal Hysteresis
 • X2-DFN1410-6, U-FLGA1616-8 and SO-8 Package: Available in “Green” Molding Compound (No Br. Sb.)
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Mobile Phones
 • Tablets
 • Battery Powered Devices
 • Alarm and Security Systems




Similar Part No. - AZV3002S-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results


Similar Description - AZV3002S-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com