Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGB540 Datasheet (PDF) - Infineon Technologies AG

BGB540 Datasheet PDF - Infineon Technologies AG
Part # BGB540
Download  BGB540 Download

File Size   129.67 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Active Biased RF Transistor

BGB540 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGB540 Datasheet PDF - Infineon Technologies AG

Part # BGB540
Download  BGB540 Click to download

File Size   129.67 Kbytes
Page   10 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Active Biased RF Transistor

BGB540 Datasheet (HTML) - Infineon Technologies AG

BGB540 Datasheet HTML 1Page - Infineon Technologies AG BGB540 Datasheet HTML 2Page - Infineon Technologies AG BGB540 Datasheet HTML 3Page - Infineon Technologies AG BGB540 Datasheet HTML 4Page - Infineon Technologies AG BGB540 Datasheet HTML 5Page - Infineon Technologies AG BGB540 Datasheet HTML 6Page - Infineon Technologies AG BGB540 Datasheet HTML 7Page - Infineon Technologies AG BGB540 Datasheet HTML 8Page - Infineon Technologies AG BGB540 Datasheet HTML 9Page - Infineon Technologies AG BGB540 Datasheet HTML 10Page - Infineon Technologies AG

BGB540 Product details

Description
SIEGET®-45 NPN Transistor with integrated biasing for high gain low noise figure applications. IC can be controlled using IBias according to IC=10*IBias.

Features
• Gms= 18dB at 1.8GHz
• Small SOT343 package
• Current easy adjustable by an external resistor
• Open collector output
• Typical supply voltage: 1.4-4.3V
• SIEGET®-45 technology

Applications
• For high gain low noise amplifiers
• Ideal for wideband applications, cellular phones,
   cordless telephones, SAT-TV and high frequency
   oscillators




Similar Part No. - BGB540

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB540 INFINEON-BGB540 Datasheet
724Kb / 24P
   A 35 dB Gain-Sloped LNB I.F. Amplifier for Direct Broadcast Satellite Television Applications using the BGA430 & BGB540 Silicon MMICs
19-November-2002
BGB540LNA INFINEON-BGB540LNA Datasheet
118Kb / 6P
   BGB540 as a 1.85 GHz Low Noise Amplifier
2002-02-06
More results


Similar Description - BGB540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA540B STMICROELECTRONICS-SMA540B Datasheet
32Kb / 4P
   Active Biased RF Transistor
logo
Infineon Technologies A...
BGB420 INFINEON-BGB420 Datasheet
477Kb / 10P
   Active Biased Transistor
2001-08-10
logo
Analog Devices
ADA4302-4 AD-ADA4302-4_15 Datasheet
231Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4 AD-ADA4302-4_05 Datasheet
230Kb / 12P
   Active RF Splitter
REV. B
ADA4302-4 AD-ADA4302-4 Datasheet
70Kb / 2P
   Active RF Splitter
Rev. Sp0
logo
Diodes Incorporated
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
   DUAL NPN PRE-BIASED TRANSISTOR
DS30747 Rev. 6 - 2
DCX124EK DIODES-DCX124EK_2 Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DS30350 Rev. 6 - 2
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
   DUAL NPN PRE-BIASED TRANSISTOR
DS31207 Rev. 3 - 2
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DDTACA DIODES-DDTACA Datasheet
307Kb / 5P
   PNP PRE-BIASED TRANSISTOR IN SOT23
Rev. 7 - 2 June 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com