Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR12DSN-001 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MCR12DSN-001 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MCR12DSN-001
Download  MCR12DSN-001 Download

File Size   436.42 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Silicon Controlled Rectifiers

MCR12DSN-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR12DSN-001 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MCR12DSN-001
Download  MCR12DSN-001 Click to download

File Size   436.42 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Silicon Controlled Rectifiers

MCR12DSN-001 Datasheet (HTML) - Kersemi Electronic Co., Ltd.

MCR12DSN-001 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MCR12DSN-001 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.

MCR12DSN-001 Product details

Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors

Designed for high volume, low cost, industrial and consumer applications such as motor control; process control; temperature, light and speed control.

Features
• Pb−Free Package is Available
• Small Size
• Passivated Die for Reliability and Uniformity
• Low Level Triggering and Holding Characteristics
• Epoxy Meets UL 94, V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B > 8000 V
                         Machine Model, C > 400 V




Similar Part No. - MCR12DSN-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR12DSN-001 ONSEMI-MCR12DSN-001 Datasheet
73Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
MCR12DSN-001G ONSEMI-MCR12DSN-001G Datasheet
73Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2005 ??Rev. 4
More results


Similar Description - MCR12DSN-001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com