Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-003 Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MCR100-003 Datasheet PDF - Kersemi Electronic Co., Ltd.
Part # MCR100-003
Download  MCR100-003 Download

File Size   414.47 Kbytes
Page   6 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Silicon Controlled Rectifiers

MCR100-003 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCR100-003 Datasheet PDF - Kersemi Electronic Co., Ltd.

Part # MCR100-003
Download  MCR100-003 Click to download

File Size   414.47 Kbytes
Page   6 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Silicon Controlled Rectifiers

MCR100-003 Datasheet (HTML) - Kersemi Electronic Co., Ltd.

MCR100-003 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MCR100-003 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MCR100-003 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MCR100-003 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MCR100-003 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MCR100-003 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.

MCR100-003 Product details

Sensitive Gate Silicon Controlled Rectifiers
Reverse Blocking Thyristors

PNPN devices designed for high volume, line-powered consumer applications such as relay and lamp drivers, small motor controls, gate drivers for larger thyristors, and sensing and detection circuits. Supplied in an inexpensive plastic TO-226AA package which is readily adaptable for use in automatic insertion equipment.

• Sensitive Gate Allows Triggering by Microcontrollers and Other Logic Circuits
• Blocking Voltage to 600 V
• On−State Current Rating of 0.8 Amperes RMS at 80°C
• High Surge Current Capability — 10 A
• Minimum and Maximum Values of IGT, VGT and IH Specified for Ease of Design
• Immunity to dV/dt — 20 V/sec Minimum at 110°C
• Glass-Passivated Surface for Reliability and Uniformity
• Device Marking: Device Type, e.g., MCR100−3, Date Code
• Pb−Free Packages are Available*




Similar Part No. - MCR100-003

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCR100-003 ONSEMI-MCR100-003 Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
MCR100-003 ONSEMI-MCR100-003 Datasheet
68Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
March, 2007 ??Rev. 7
MCR100-003G ONSEMI-MCR100-003G Datasheet
65Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 6
More results


Similar Description - MCR100-003

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com