Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAF-C505 Datasheet (PDF) - Infineon Technologies AG

SAF-C505 Datasheet PDF - Infineon Technologies AG
Part # SAF-C505
Download  SAF-C505 Download

File Size   487.31 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS Microcontroller

SAF-C505 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF-C505 Datasheet PDF - Infineon Technologies AG

Part # SAF-C505
Download  SAF-C505 Click to download

File Size   487.31 Kbytes
Page   85 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-bit CMOS Microcontroller

SAF-C505 Datasheet (HTML) - Infineon Technologies AG

Back Button SAF-C505 Datasheet HTML 1Page - Infineon Technologies AG SAF-C505 Datasheet HTML 2Page - Infineon Technologies AG SAF-C505 Datasheet HTML 3Page - Infineon Technologies AG SAF-C505 Datasheet HTML 4Page - Infineon Technologies AG SAF-C505 Datasheet HTML 5Page - Infineon Technologies AG SAF-C505 Datasheet HTML 6Page - Infineon Technologies AG SAF-C505 Datasheet HTML 7Page - Infineon Technologies AG SAF-C505 Datasheet HTML 8Page - Infineon Technologies AG SAF-C505 Datasheet HTML 9Page - Infineon Technologies AG SAF-C505 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

SAF-C505 Product details

Advance Information

Features
• Fully compatible with the standard 8051 microcontroller
• Superset of the 8051 architecture with 8 datapointers
• Up to 20 MHz operating frequency
   – 375 ns instruction cycle time @ 16 MHz
   – 300 ns instruction cycle time @ 20 MHz (50% duty cycle)
• Program Memory
   – 32K bytes of on-chip OTP memory
   – Externally expandable up to 64 Kbytes
• 256-byte on-chip RAM
• 256-byte on-chip XRAM
• Five 8-bit and one 6-bit digital I/O ports (Port 5 with 6 bits only)
   – Port 1 with mixed analog/digital I/O capability
   – Port 3 with 2 LCD output lines as secondary functions
   – Port 4 and 5 with 8 and 6 LCD output lines respectively as secondary functions
• Three 16-bit timers/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 with 4 channels for 16-bit capture/compare operation
• 128-segment LCD Controller
   – 1/4 duty cycle drive
   – 4 row and 32 column outputs
   – On-chip programmable reference voltage generation
   – 20 dedicated LCD output lines (4 rows + 16 columns)
• Real-Time Clock
   – 47-bit digital clock counter
   – Input frequency of 32.768 KHz required
   – Operates in a special power down mode
• Full duplex serial interface with programmable baudrate generator (USART)
• 10-bit A/D Converter with 8 multiplexed inputs
• Twelve interrupt sources with four priority levels
• On-chip emulation support logic (Enhanced HooksTM 1))
• Programmable 15-bit Watchdog Timer
• Oscillator Watchdog
• Fast power-on reset
• Power-saving modes
   – Slow-down mode
   – Idle mode (can be combined with slow-down mode)
   – 3 special power down modes
   – Software power-down mode with wake up capability through INT0 pin or Real-Time Clock
• P-MQFP-80 package
• Temperature ranges: SAB-C505L TA = 0 to 70 °C
   SAF-C505L TA = – 40 to 85 °C
   SAK-C505L TA = – 40 to 125 °C (max. operating frequency: 12 MHz)




Similar Part No. - SAF-C505

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAF-C505 SIEMENS-SAF-C505 Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAF-C505-2RM SIEMENS-SAF-C505-2RM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAF-C505-LM SIEMENS-SAF-C505-LM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAF-C505A-4EM SIEMENS-SAF-C505A-4EM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
SAF-C505C-2RM SIEMENS-SAF-C505C-2RM Datasheet
335Kb / 85P
   8-Bit CMOS Microcontroller
More results


Similar Description - SAF-C505

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com