Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC140-5-10-0-02 Datasheet (PDF) - Vectron International, Inc

LC140-5-10-0-02 Datasheet PDF - Vectron International, Inc
Part # LC140-5-10-0-02
Download  LC140-5-10-0-02 Download

File Size   84.55 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Nominal centre frequency fo: 140.5 MHz

LC140-5-10-0-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC140-5-10-0-02 Datasheet PDF - Vectron International, Inc

Part # LC140-5-10-0-02
Download  LC140-5-10-0-02 Click to download

File Size   84.55 Kbytes
Page   2 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Nominal centre frequency fo: 140.5 MHz

LC140-5-10-0-02 Datasheet (HTML) - Vectron International, Inc

LC140-5-10-0-02 Datasheet HTML 1Page - Vectron International, Inc LC140-5-10-0-02 Datasheet HTML 2Page - Vectron International, Inc



Similar Part No. - LC140-5-10-0-02

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC140Z SEOUL-LC140Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results


Similar Description - LC140-5-10-0-02

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF21-4-3000-20 VECTRON-MQF21-4-3000-20 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-4000-19 VECTRON-MQF21-4-4000-19 Datasheet
115Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-4-5000-08 VECTRON-MQF21-4-5000-08 Datasheet
87Kb / 1P
   Nominal centre frequency fo: 21.4 MHz
MQF21-65-5000-03 VECTRON-MQF21-65-5000-03 Datasheet
33Kb / 1P
   Nominal centre frequency fo: 21.65 MHz
MQF40-5-3000-03 VECTRON-MQF40-5-3000-03 Datasheet
70Kb / 1P
   Nominal centre frequency fo: 40.025 MHz
MQF40-048-2000 VECTRON-MQF40-048-2000_02 Datasheet
168Kb / 1P
   Nominal centre frequency fo: 40.5 MHz
MQF42-0-1000-01 VECTRON-MQF42-0-1000-01 Datasheet
28Kb / 1P
   Nominal centre frequency fo: 42.0 MHz
MQF44-814-3000-04 VECTRON-MQF44-814-3000-04 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 44.814 MHz
MQF45-0-0750-17 VECTRON-MQF45-0-0750-17 Datasheet
58Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1200-13 VECTRON-MQF45-0-1200-13 Datasheet
60Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com