Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHPT610035NK Datasheet (PDF) - NXP Semiconductors

PHPT610035NK Datasheet PDF - NXP Semiconductors
Part # PHPT610035NK
Download  PHPT610035NK Download

File Size   250.85 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/NPN high power double bipolar transistor

PHPT610035NK Datasheet (PDF)

Go To PDF Page Download Datasheet
PHPT610035NK Datasheet PDF - NXP Semiconductors

Part # PHPT610035NK
Download  PHPT610035NK Click to download

File Size   250.85 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN/NPN high power double bipolar transistor

PHPT610035NK Datasheet (HTML) - NXP Semiconductors

Back Button PHPT610035NK Datasheet HTML 1Page - NXP Semiconductors PHPT610035NK Datasheet HTML 2Page - NXP Semiconductors PHPT610035NK Datasheet HTML 3Page - NXP Semiconductors PHPT610035NK Datasheet HTML 4Page - NXP Semiconductors PHPT610035NK Datasheet HTML 5Page - NXP Semiconductors PHPT610035NK Datasheet HTML 6Page - NXP Semiconductors PHPT610035NK Datasheet HTML 7Page - NXP Semiconductors PHPT610035NK Datasheet HTML 8Page - NXP Semiconductors PHPT610035NK Datasheet HTML 9Page - NXP Semiconductors PHPT610035NK Datasheet HTML 10Page - NXP Semiconductors Next Button 

PHPT610035NK Product details

General description
NPN/NPN high power double bipolar transistor in a SOT1205 (LFPAK56D) Surface Mounted Device (SMD) power plastic package. Matched version of PHPT610030NK.

PNP/PNP complement: PHPT610035PK.
NPN/PNP complement: PHPT610035NPK.

Features and benefits
• Current gain matching 5%
• High thermal power dissipation capability
• Suitable for high temperature applications up to 175 °C
• Reduced Printed-Circuit Board (PCB) requirements comparing to transistors in DPAK
• High energy efficiency due to less heat generation
• AEC-Q101 qualified

Applications
• Current mirror
• Motor control
• Power management
• Backlighting applications
• Relay replacement
• differential amplifiers




Similar Part No. - PHPT610035NK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
More results


Similar Description - PHPT610035NK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PHPT610035NK NEXPERIA-PHPT610035NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
PHPT610030NK-Q NEXPERIA-PHPT610030NK-Q Datasheet
283Kb / 14P
   NPN/NPN high power double bipolar transistor
10 February 2023
logo
NXP Semiconductors
PHPT610030NK NXP-PHPT610030NK Datasheet
250Kb / 15P
   NPN/NPN high power double bipolar transistor
20 October 2014
logo
Nexperia B.V. All right...
PHPT610030NK NEXPERIA-PHPT610030NK Datasheet
280Kb / 14P
   NPN/NPN high power double bipolar transistor
10 September 2020
logo
NXP Semiconductors
PHPT610030NPK NXP-PHPT610030NPK Datasheet
304Kb / 19P
   NPN/PNP high power double bipolar transistor
14 October 2014
logo
Nexperia B.V. All right...
PHPT610030NPK NEXPERIA-PHPT610030NPK Datasheet
334Kb / 18P
   NPN/PNP high power double bipolar transistor
10 September 2020
logo
STMicroelectronics
2STC4793 STMICROELECTRONICS-2STC4793 Datasheet
143Kb / 7P
   NPN power bipolar transistor
March 2010 Rev 2
2STW4466 STMICROELECTRONICS-2STW4466_08 Datasheet
164Kb / 9P
   High power NPN epitaxial planar bipolar transistor
logo
Seme LAB
2N6578 SEME-LAB-2N6578 Datasheet
17Kb / 2P
   NPN BIPOLAR POWER DARLINGTON TRANSISTOR
logo
STMicroelectronics
2STC5949 STMICROELECTRONICS-2STC5949 Datasheet
144Kb / 8P
   High power NPN epitaxial planar bipolar transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com