DESCRIPTION The M37733S4LHP is a microcomputer using the 7700 Family core. This microcomputer has a CPU and a bus interface unit. The CPU is a 16-bit parallel processor that can be an 8-bit parallel processor, and the bus interface unit enhances the memory access efficiency to execute instructions fast. This microcomputer also includes a 32 kHz oscillation circuit, in addition to the RAM, multiple-function timers, serial I/O, A-D converter, and so on. Its strong points are the low power dissipation, the low supply voltage and the small package. FEATURES ● Number of basic instructions .................................................. 103 ● Memory size RAM ................................................ 2048 bytes ● Instruction execution time The fastest instruction at 12 MHz frequency ...................... 333 ns ● Single power supply ...................................................... 2.7–5.5 V ● Low power dissipation (At 3 V supply voltage, 12 MHz frequency) ............................................ 10.8 mW (Typ.) ● Interrupts ............................................................ 19 types, 7 levels ● Multiple-function 16-bit timer ................................................. 5 + 3 ● Serial I/O (UART or clock synchronous)..................................... 3 ● 10-bit A-D converter .............................................. 8-channel inputs ● 12-bit watchdog timer ● Programmable input/output (ports P4, P5, P6, P7, P8) ........................................................ 37 ● Clock generating circuit ........................................ 2 circuits built-in ● Small package ..................... 80-pin plastic molded fine-pitch QFP (80P6D-A;0.5 mm lead pitch) APPLICATION Control devices for general commercial equipment such as office automation, office equipment, personal information equipment, and so on. Control devices for general industrial equipment such as communication equipment, and so on.
|