Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7916A009500 Datasheet (PDF) - List of Unclassifed Manufacturers

7916A009500 Datasheet PDF - List of Unclassifed Manufacturers
Part # 7916A009500
Download  7916A009500 Download

File Size   103.44 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation

7916A009500 Datasheet (PDF)

Go To PDF Page Download Datasheet
7916A009500 Datasheet PDF - List of Unclassifed Manufacturers

Part # 7916A009500
Download  7916A009500 Click to download

File Size   103.44 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation

7916A009500 Datasheet (HTML) - List of Unclassifed Manufacturers

7916A009500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7916A009500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7916A009500 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7916A009500 Datasheet HTML 4Page - List of Unclassifed Manufacturers



Similar Part No. - 7916A009500

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7916A BELDEN-7916A Datasheet
153Kb / 3P
   DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-0091000 BELDEN-7916A-0091000 Datasheet
153Kb / 3P
   DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009500 BELDEN-7916A-009500 Datasheet
153Kb / 3P
   DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009U1000 BELDEN-7916A-009U1000 Datasheet
153Kb / 3P
   DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
7916A-009U500 BELDEN-7916A-009U500 Datasheet
153Kb / 3P
   DBS Cable, RG6, 18 AWG BC, Quad Shield, CM
04-14-2023
More results


Similar Description - 7916A009500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1351636 ETC2-1351636 Datasheet
101Kb / 3P
   Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com