Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD286GK Datasheet (PDF) - Jianghai Europe GmbH

CD286GK Datasheet PDF - Jianghai Europe GmbH
Part # CD286GK
Download  CD286GK Download

File Size   1904.81 Kbytes
Page   5 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 2000h at 105

CD286GK Datasheet (PDF)

Go To PDF Page Download Datasheet
CD286GK Datasheet PDF - Jianghai Europe GmbH

Part # CD286GK
Download  CD286GK Click to download

File Size   1904.81 Kbytes
Page   5 Pages
Manufacturer  JIANGHAI [Jianghai Europe GmbH]
Direct Link  http://www.jianghai-europe.com
Logo JIANGHAI - Jianghai Europe GmbH
Description 2000h at 105

CD286GK Datasheet (HTML) - Jianghai Europe GmbH

CD286GK Datasheet HTML 1Page - Jianghai Europe GmbH CD286GK Datasheet HTML 2Page - Jianghai Europe GmbH CD286GK Datasheet HTML 3Page - Jianghai Europe GmbH CD286GK Datasheet HTML 4Page - Jianghai Europe GmbH CD286GK Datasheet HTML 5Page - Jianghai Europe GmbH



Similar Part No. - CD286GK

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD2810 CDI-DIODE-CD2810 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS FOR GENERAL PURPOSE APPLICATION
logo
Jianghai Europe GmbH
CD281LL JIANGHAI-CD281LL Datasheet
1,010Kb / 5P
   EC Radial 105째C Long Lifetime 3.000 - 12.000h Low ESR(Radial)
CD281LLH JIANGHAI-CD281LLH Datasheet
610Kb / 8P
   6 000 - 12 000h at 105째C
logo
List of Unclassifed Man...
CD2822 ETC2-CD2822 Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
CD2822ACB ETC2-CD2822ACB Datasheet
242Kb / 7P
   1W x 2 Dual Audio Power Amp
2006-11-A
More results


Similar Description - CD286GK

ManufacturerPart #DatasheetDescription
logo
Jianghai Europe GmbH
CD289PB JIANGHAI-CD289PB Datasheet
1Mb / 5P
   2000h at 105
CD71NP JIANGHAI-CD71NP Datasheet
1Mb / 4P
   2000h at 85C
CD117HDH JIANGHAI-CD117HDH Datasheet
1Mb / 5P
   2000h at 105C
CD71HNH JIANGHAI-CD71HNH Datasheet
1Mb / 4P
   2000h at 105C
CD117DL JIANGHAI-CD117DL Datasheet
1Mb / 3P
   2000h at 85C
CD267PM JIANGHAI-CD267PM Datasheet
1Mb / 4P
   2000h at 105C
CD26LXL JIANGHAI-CD26LXL Datasheet
1Mb / 4P
   2000h at 105C
CD29SPJ JIANGHAI-CD29SPJ Datasheet
1Mb / 4P
   2000h at 105C
logo
jb Capacitors Company
JMQ JBCAPACITORS-JMQ Datasheet
335Kb / 2P
   Warranty of 5000 hours at 105
logo
Mallory Sonalert Produc...
PS-520Q MSPI-PS-520Q Datasheet
209Kb / 1P
   Sound Pressure Level (dB/min) 105 at 100cm at Rated voltage
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com