Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM130-NS Datasheet (PDF) - Frontier Electronics.

FM130-NS Datasheet PDF - Frontier Electronics.
Part # FM130-NS
Download  FM130-NS Download

File Size   612.03 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V

FM130-NS Datasheet (PDF)

Go To PDF Page Download Datasheet
FM130-NS Datasheet PDF - Frontier Electronics.

Part # FM130-NS
Download  FM130-NS Click to download

File Size   612.03 Kbytes
Page   3 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-40V

FM130-NS Datasheet (HTML) - Frontier Electronics.

FM130-NS Datasheet HTML 1Page - Frontier Electronics. FM130-NS Datasheet HTML 2Page - Frontier Electronics. FM130-NS Datasheet HTML 3Page - Frontier Electronics.



Similar Part No. - FM130-NS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM130-NS FORMOSA-FM130-NS Datasheet
100Kb / 7P
   SMD Schottky Barrier Rectifier
More results


Similar Description - FM130-NS

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SL12-MS FRONTIER-SL12-MS Datasheet
616Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
SL12-S FRONTIER-SL12-S Datasheet
534Kb / 3P
   1A SMD LOW VF SCHOTTKY BARRIER RECTIFIERS, 20V-40V
FM140-MH1-THRU-FM1200-MH1 FRONTIER-FM140-MH1-THRU-FM1200-MH1 Datasheet
609Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
   1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
SeCoS Halbleitertechnol...
SK140LFL SECOS-SK140LFL Datasheet
296Kb / 2P
   40V, 1A Schottky Barrier Rectifiers
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
   VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
SM140TWS SECOS-SM140TWS Datasheet
191Kb / 2P
   40V, 1A Surface Mount Schottky Barrier Rectifiers
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
   VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com