Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV101 Datasheet (PDF) - Nais(Matsushita Electric Works)

AQV101 Datasheet PDF - Nais(Matsushita Electric Works)
Part # AQV101
Download  AQV101 Download

File Size   60.73 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HF (High Function) Type [1-Channel (Form A) Type]

AQV101 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQV101 Datasheet PDF - Nais(Matsushita Electric Works)

Part # AQV101
Download  AQV101 Click to download

File Size   60.73 Kbytes
Page   5 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description HF (High Function) Type [1-Channel (Form A) Type]

AQV101 Datasheet (HTML) - Nais(Matsushita Electric Works)

AQV101 Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQV101 Datasheet HTML 5Page - Nais(Matsushita Electric Works)

AQV101 Product details

FEATURES
1. Controls low-level analog signals
   PhotoMOS relays feature extremely low  closed-circuit offset voltage to enable  control of low-level analog signals without  distortion.
2. Control with low-level input signals
3. Controls various types of loads such  as relays, motors, lamps and solenoids.
4. Optical coupling for extremely high  isolation
   Unlike mechanical relays, the PhotoMOS  relay combines LED and optoelectronic  device to transfer signals using light for  extremely high isolation.
5. Eliminates the need for a counter  electromotive force protection diode in  the drive circuits on the input side
6. Stable on resistance
7. Low-level off state leakage current
8. Eliminates the need for a power supply to drive the power MOSFET
   A power supply used to drive the power  MOSFET is unnecessary because of the  built-in optoelectronic device. This results  in easy circuit design and small PC board  area.
9. Low thermal electromotive force  (Approx. 1 µV)

TYPICAL APPLICATIONS
• High-speed inspection machines
• Telephone equipment
• Data communication equipment
• Computer




Similar Part No. - AQV101

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV10 PANASONIC-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 PANASONIC-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQV10 ETC2-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 ETC2-AQV10 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQV10 ETC2-AQV10 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
More results


Similar Description - AQV101

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV251 NAIS-AQV251 Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQY210LS NAIS-AQY210LS Datasheet
43Kb / 3P
   GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com