Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9ZXL1950 Datasheet (PDF) - Integrated Device Technology

9ZXL1950 Datasheet PDF - Integrated Device Technology
Part # 9ZXL1950_15
Download  9ZXL1950 Download

File Size   296.64 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 19-output DB1900Z Low-Power Derivative w/85ohm Terminations

9ZXL1950 Datasheet (PDF)

Go To PDF Page Download Datasheet
9ZXL1950 Datasheet PDF - Integrated Device Technology

Part # 9ZXL1950_15
Download  9ZXL1950 Click to download

File Size   296.64 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 19-output DB1900Z Low-Power Derivative w/85ohm Terminations

9ZXL1950 Datasheet (HTML) - Integrated Device Technology

Back Button 9ZXL1950_15 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1950_15 Datasheet HTML 10Page - Integrated Device Technology Next Button 



Similar Part No. - 9ZXL1950_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
More results


Similar Description - 9ZXL1950_15

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL0651 RENESAS-9ZXL0651 Datasheet
634Kb / 15P
   6-Output DB800ZL Derivative with Integrated 85ohm Terminations
January 28, 2021
logo
Integrated Device Techn...
9ZXL1251 IDT-9ZXL1251_16 Datasheet
378Kb / 20P
   12-output DB1200ZL Derivative with Integrated 85ohm Terminations
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com