Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECG008 Datasheet (PDF) - List of Unclassifed Manufacturers

ECG008 Datasheet PDF - List of Unclassifed Manufacturers
Part # ECG008
Download  ECG008 Download

File Size   250.65 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

ECG008 Datasheet (PDF)

Go To PDF Page Download Datasheet
ECG008 Datasheet PDF - List of Unclassifed Manufacturers

Part # ECG008
Download  ECG008 Click to download

File Size   250.65 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description InGaP HBT Gain Block

ECG008 Datasheet (HTML) - List of Unclassifed Manufacturers

ECG008 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG008 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG008 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG008 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG008 Datasheet HTML 5Page - List of Unclassifed Manufacturers

ECG008 Product details

[WJCI]

Product Description
The ECG008 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 1000 MHz, the ECG008 typically provides 15 dB of gain, +40 dBm Output IP3, and +24 dBm P1dB.
The ECG008 consists of Darlington pair amplifiers using the high reliability InGaP/GaAs HBT process technology and only requires DC-blocking capacitors, a bias resistor, and an inductive RF choke for operation. The device is ideal for wireless applications and is available in a low cost, surface-mountable SOT-89 package. The ECG008 is also available in a lead-free/green/RoHS-compliant SOT- 89 package. All devices are 100% RF and DC tested.

Product Features
● DC – 4 GHz
● +24 dBm P1dB at 1 GHz
● +40 dBm OIP3 at 1 GHz
● 15 dB Gain at 1 GHz
● 4.6 dB Noise Figure at 2 GHz
● SOT-89 and lead-free / green SOT-89 Package Styles
● Internally matched to 50 :

Applications
● Mobile Infrastructure
● CATV / DBS
● W-LAN / ISM
● RFID
● Defense / Homeland Security
● Fixed Wireless




Similar Part No. - ECG008

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ECG008 WJCI-ECG008 Datasheet
192Kb / 4P
   InGaP HBT Gain Block
ECG008B-G WJCI-ECG008B-G Datasheet
192Kb / 4P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
ECG008B-G TRIQUINT-ECG008B-G Datasheet
469Kb / 7P
   InGaP HBT Gain Block
ECG008B-G TRIQUINT-ECG008B-G_15 Datasheet
469Kb / 7P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
ECG008B-PCB WJCI-ECG008B-PCB Datasheet
192Kb / 4P
   InGaP HBT Gain Block
More results


Similar Description - ECG008

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com