Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ209N Datasheet (PDF) - Fairchild Semiconductor

FDZ209N Datasheet PDF - Fairchild Semiconductor
Part # FDZ209N
Download  FDZ209N Download

File Size   172.17 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel PowerTrench BGA MOSFET

FDZ209N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ209N Datasheet PDF - Fairchild Semiconductor

Part # FDZ209N
Download  FDZ209N Click to download

File Size   172.17 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V N-Channel PowerTrench BGA MOSFET

FDZ209N Datasheet (HTML) - Fairchild Semiconductor

FDZ209N Datasheet HTML 1Page - Fairchild Semiconductor FDZ209N Datasheet HTML 2Page - Fairchild Semiconductor FDZ209N Datasheet HTML 3Page - Fairchild Semiconductor FDZ209N Datasheet HTML 4Page - Fairchild Semiconductor FDZ209N Datasheet HTML 5Page - Fairchild Semiconductor FDZ209N Datasheet HTML 6Page - Fairchild Semiconductor

FDZ209N Product details

General Description
Combining Fairchild’s advanced PowerTrench process with state-of-the-art BGA packaging, the FDZ209N minimizes both PCB space and RDS(ON). This BGA MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultra-low profile packaging, low gate charge, and low RDS(ON).

Features
• 4 A, 60 V. RDS(ON) = 80 mΩ @ VGS = 5 V
• Occupies only 5 mm2 of PCB area: only 55% of the area of SSOT-6
• Ultra-thin package: less than 0.80 mm height when mounted to PCB
• Outstanding thermal transfer characteristics: 4 times better than SSOT-6
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability

Applications
• Solenoid Drivers




Similar Part No. - FDZ209N

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ20 FS-FDZ20 Datasheet
259Kb / 3P
   Zener Diode
logo
Fairchild Semiconductor
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ201N FAIRCHILD-FDZ201N_04 Datasheet
177Kb / 6P
   N-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results


Similar Description - FDZ209N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com