Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1340C-18+ Datasheet (PDF) - Maxim Integrated Products

DS1340C-18+ Datasheet PDF - Maxim Integrated Products
Part # DS1340C-18+
Download  DS1340C-18+ Download
File Size   1434.47 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C RTC with Trickle Charger

DS1340C-18+ Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1340C-18+ Datasheet PDF - Maxim Integrated Products

Part # DS1340C-18+
Download  DS1340C-18+ Click to download

File Size   1434.47 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description I2C RTC with Trickle Charger

DS1340C-18+ Datasheet (HTML) - Maxim Integrated Products


DS1340C-18+ Product details

General Description
The DS1340 is a real-time clock (RTC)/calendar that is pin compatible and functionally equivalent to the ST M41T00, including the software clock calibration. The device additionally provides trickle-charge capability on the VBACKUP pin, a lower timekeeping voltage, and an oscillator STOP flag. Block access of the register map is identical to the ST device. Two additional registers, which are accessed individually, are required for the trickle charger and flag. The clock/calendar provides seconds, minutes, hours, day, date, month, and year information. A built-in power-sense circuit detects power failures and automatically switches to the backup supply. Reads and writes are inhibited while the clock continues to run. The device is programmed serially through an I2C bidirectional bus.

Features
♦ Enhanced Second Source for the ST M41T00
♦ Available in a Surface-Mount Package with an
   Integrated Crystal (DS1340C)
♦ Fast (400kHz) I2C Interface
♦ Software Clock Calibration
♦ RTC Counts Seconds, Minutes, Hours, Day, Date,
   Month, and Year
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Trickle-Charge Capability
♦ Low Timekeeping Voltage Down to 1.3V
♦ Three Operating Voltage Ranges (1.8V, 3V, and 3.3V)
♦ Oscillator Stop Flag
♦ Available in 8-Pin µSOP or SO Packages
♦ Underwriters Laboratories (UL) Recognized

Applications
   Portable Instruments
   Point-of-Sale Equipment
   Medical Equipment
   Telecommunications




Similar Part No. - DS1340C-18+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340C-18 MAXIM-DS1340C-18 Datasheet
235Kb / 14P
I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340C-18 MAXIM-DS1340C-18 Datasheet
260Kb / 16P
I2C RTC with Trickle Charger
Rev 8; 4/13
DS1340C-18- MAXIM-DS1340C-18- Datasheet
235Kb / 14P
I2C RTC with Trickle Charger
Rev 4; 3/06
More results


Similar Description - DS1340C-18+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
I2C RTC with Trickle Charger
Rev 4; 3/06
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340U MAXIM-DS1340U Datasheet
260Kb / 16P
I2C RTC with Trickle Charger
Rev 8; 4/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com