Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC12101 Datasheet (PDF) - Motorola, Inc

MC12101 Datasheet PDF - Motorola, Inc
Part # MC12101
Download  MC12101 Download

File Size   150.81 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR

MC12101 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC12101 Datasheet PDF - Motorola, Inc

Part # MC12101
Download  MC12101 Click to download

File Size   150.81 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 130 MHz VOLTAGE CONTROLLED MULTIVIBRATOR

MC12101 Datasheet (HTML) - Motorola, Inc

MC12101 Datasheet HTML 1Page - Motorola, Inc MC12101 Datasheet HTML 2Page - Motorola, Inc MC12101 Datasheet HTML 3Page - Motorola, Inc MC12101 Datasheet HTML 4Page - Motorola, Inc MC12101 Datasheet HTML 5Page - Motorola, Inc MC12101 Datasheet HTML 6Page - Motorola, Inc MC12101 Datasheet HTML 7Page - Motorola, Inc

MC12101 Product details

130 MHz Voltage Controlled Multivibrator

• High Frequency VCM Ideal for PLL Applications
• Single External Resistor Determines Center Frequency; Additional Resistor Determines f/V Sensitivity
• Internal Ripple Counter (1/2, 1/4, 1/8) for Low Frequency Applications, TTL/ECL Outputs
• VCO Output Enable Pins (TTL/ECL Level)
• +5.0 V Single Supply Voltage
• Packages: DIP, PLCC




Similar Part No. - MC12101

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MC1210 RCD-MC1210 Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
logo
Motorola, Inc
MC12100 MOTOROLA-MC12100 Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
MC12100P MOTOROLA-MC12100P Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
List of Unclassifed Man...
MC1210N ETC-MC1210N Datasheet
124Kb / 2P
   LSI CMOS
logo
RCD COMPONENTS INC.
MC1210P RCD-MC1210P Datasheet
69Kb / 1P
   THICK FILM CHIP RESISTORS AND JUMPERS
More results


Similar Description - MC12101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC12100 MOTOROLA-MC12100 Datasheet
122Kb / 7P
   200 MHz VOLTAGE CONTROLLED MULTIVIBRATOR
logo
Zarlink Semiconductor I...
SP1658BC ZARLINK-SP1658BC Datasheet
499Kb / 7P
   VOLTAGE-CONTROLLED MULTIVIBRATOR
logo
Motorola, Inc
MC1658 MOTOROLA-MC1658 Datasheet
105Kb / 6P
   VOLTAGE CONTROLLED MULTIVIBRATOR
logo
Pasternack Enterprises,...
PE1V12000 PASTERNACK-PE1V12000 Datasheet
671Kb / 8P
   0.5 inch Commercial Surface Mount Voltage Controlled Oscillator (VCO) Operating From 130 MHz
logo
KR Electronics, Inc.
3190-130 KR-3190-130 Datasheet
64Kb / 3P
   130 MHz Bandpass Filter
logo
API Technologies Corp
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
logo
Elantec Semiconductor
EL2160C-1 ELANTEC-EL2160C-1 Datasheet
430Kb / 16P
   130 MHz Current Feedback Amplifier
logo
API Technologies Corp
SF0130BA03030T APITECH-SF0130BA03030T Datasheet
135Kb / 3P
   130 MHz SAW Filter 9 MHz Bandwidth
logo
KR Electronics, Inc.
2786-3 KR-2786-3 Datasheet
63Kb / 2P
   130 MHz differential bandpass filter
logo
Elantec Semiconductor
EL2360C ELANTEC-EL2360C Datasheet
417Kb / 16P
   Triple 130 MHz Current Feedback Amplifier
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com