Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14547BCL Datasheet (PDF) - Motorola, Inc

MC14547BCL Datasheet PDF - Motorola, Inc
Part # MC14547BCL
Download  MC14547BCL Download

File Size   201.05 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER

MC14547BCL Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14547BCL Datasheet PDF - Motorola, Inc

Part # MC14547BCL
Download  MC14547BCL Click to download

File Size   201.05 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HIGH CURRENT BCD-TO-SEVEN SEGMENT DECODER/DRIVER

MC14547BCL Datasheet (HTML) - Motorola, Inc

MC14547BCL Datasheet HTML 1Page - Motorola, Inc MC14547BCL Datasheet HTML 2Page - Motorola, Inc MC14547BCL Datasheet HTML 3Page - Motorola, Inc MC14547BCL Datasheet HTML 4Page - Motorola, Inc MC14547BCL Datasheet HTML 5Page - Motorola, Inc MC14547BCL Datasheet HTML 6Page - Motorola, Inc MC14547BCL Datasheet HTML 7Page - Motorola, Inc

MC14547BCL Product details

High Current BCD-to-Seven Segment Decoder/Driver

The MC14547 BCD–to–seven segment decoder/driver is constructed with complementary MOS (CMOS) enhancement mode devices and NPN bipolar output drivers in a single monolithic structure. The circuit provides the functions of an 8421 BCD–to–seven segment decoder with high output drive capability. Blanking (BI), can be used to turn off or pulse modulate the brightness of the display. The MC14547 can drive seven–segment light–emitting diodes (LED), incandescent, fluorescent or gas discharge readouts either directly or indirectly.
Applications include instrument (e.g., counter, DVM, etc.) display driver, computer/calculator display driver, cockpit display driver, and various clock, watch, and timer uses.

• High Current Sourcing Outputs (Up to 65 mA)
• Low Logic Circuit Power Dissipation
• Supply Voltage Range = + 3.0 V to + 18 V
• Blanking Input
• Readout Blanking on All Illegal Combinations
• Lamp Intensity Modulation Capability
• Multiplexing Capability
• Capable of Driving Two Low–Power TTL Loads, One Low–Power
   Schottky TTL Load or Two HTL Loads over the Rated Temperature
   Range
• Use MC14511B for Applications Requiring Data Latches




Similar Part No. - MC14547BCL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145472FE MOTOROLA-MC145472FE Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT TRANSPARENT LATCH
MC145474 MOTOROLA-MC145474 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
logo
Pulse A Technitrol Comp...
MC145474 PULSE-MC145474 Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
Motorola, Inc
MC145475 MOTOROLA-MC145475 Datasheet
460Kb / 111P
   ISDN S/T Interface Transceiver
More results


Similar Description - MC14547BCL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3161 INTERSIL-CA3161 Datasheet
17Kb / 4P
   BCD to Seven Segment Decoder/Driver
August 1997
logo
Renesas Technology Corp
CA3161 RENESAS-CA3161 Datasheet
264Kb / 3P
   BCD to Seven Segment Decoder/Driver
Aug 1997
logo
List of Unclassifed Man...
74248 ETC1-74248 Datasheet
75Kb / 1P
   BCD- to-Seven- Segment Decoder /Driver
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com