Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145745 Datasheet (PDF) - Motorola, Inc

MC145745 Datasheet PDF - Motorola, Inc
Part # MC145745
Download  MC145745 Download

File Size   175.91 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description V.21/V.23 TELEMETER MODEM

MC145745 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC145745 Datasheet PDF - Motorola, Inc

Part # MC145745
Download  MC145745 Click to download

File Size   175.91 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description V.21/V.23 TELEMETER MODEM

MC145745 Datasheet (HTML) - Motorola, Inc

Back Button MC145745 Datasheet HTML 1Page - Motorola, Inc MC145745 Datasheet HTML 2Page - Motorola, Inc MC145745 Datasheet HTML 3Page - Motorola, Inc MC145745 Datasheet HTML 4Page - Motorola, Inc MC145745 Datasheet HTML 5Page - Motorola, Inc MC145745 Datasheet HTML 6Page - Motorola, Inc MC145745 Datasheet HTML 7Page - Motorola, Inc MC145745 Datasheet HTML 8Page - Motorola, Inc MC145745 Datasheet HTML 9Page - Motorola, Inc MC145745 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC145745 Product details

V.21/V.23 Telemeter Modem

The MC145745 is a selectable modem chip compatible with ITU V.21 (300 baud full duplex asynchronous) and V.23 mode 2 (1200 baud half duplex asynchronous). The built–in differential line driver has the capability of driving 0 dBm into a 600 Ω load with a 5 V single power supply. This device also includes a DTMF generator, DTMF receiver, call–progress tone detector, answer tone generator, and a receive timing control circuit.
A low consumption device, the MC145745 integrates various functions in a small package. This modem IC is best suited for telemeter and other applications of this type.

• Conforms to ITU V.21 and V.23 Recommendations
• DTMF Generator and Receiver for all 16 Standard Digits
• Capable of Driving 0 dBm into a 600 Ω Load (VCC = 5 V)
• Automatic Gain Control (AGC) Amplifier for the DTMF Receiver
• Call–Progress Tone Detector
• Four–Wire Serial Data Interface (SCP)
• Programmable Transmission and Carrier Detection Levels
• FSK/DTMF Analog Loopback Self–Test Function
• Crystal Oscillator (3.579545 MHz) and Half Divider Circuit (7.159090 MHz) for External Inputs
• Operates in the Voltage Range of 3.3 – 5.5 V
• Power Down Mode (ICC < 1 µA)




Similar Part No. - MC145745

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145740 MOTOROLA-MC145740 Datasheet
144Kb / 12P
   DUAL TONE MULTIPLE FREQUENCY LINE INTERFACE
More results


Similar Description - MC145745

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
OKI electronic componet...
MSM7510 OKI-MSM7510 Datasheet
114Kb / 12P
   300 bps Full Duplex FSK Modem - ITU-T V.21
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com