Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q2015LT Datasheet (PDF) - Teccor Electronics

Q2015LT Datasheet PDF - Teccor Electronics
Part # Q2015LT
Download  Q2015LT Download

File Size   124.53 Kbytes
Page   6 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Internally Triggered Triacs (4 A to 15 A)

Q2015LT Datasheet (PDF)

Go To PDF Page Download Datasheet
Q2015LT Datasheet PDF - Teccor Electronics

Part # Q2015LT
Download  Q2015LT Click to download

File Size   124.53 Kbytes
Page   6 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description Internally Triggered Triacs (4 A to 15 A)

Q2015LT Datasheet (HTML) - Teccor Electronics

Q2015LT Datasheet HTML 1Page - Teccor Electronics Q2015LT Datasheet HTML 2Page - Teccor Electronics Q2015LT Datasheet HTML 3Page - Teccor Electronics Q2015LT Datasheet HTML 4Page - Teccor Electronics Q2015LT Datasheet HTML 5Page - Teccor Electronics Q2015LT Datasheet HTML 6Page - Teccor Electronics

Q2015LT Product details

General Description

Teccor’s Quadrac devices are triacs that include a diac trigger mounted inside the same package. This device, developed by Teccor, saves the user the expense and assembly time of buying a discrete diac and assembling in conjunction with a gated triac. Also, the alternistor Quadrac device (QxxxxLTH) eliminates the need for a snubber network.

The Quadrac device is a bidirectional AC switch and is gate controlled for either polarity of main terminal voltage. Its primary purpose is for AC switching and phase control applications such as speed controls, temperature modulation controls, and lighting controls where noise immunity is required.



Features

• Glass-passivated junctions

• Electrically-isolated package

• Internal trigger diac

• High surge capability — up to 200 A

• High voltage capability — 200 V to 600 V



 




Similar Part No. - Q2015LT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2015LT LITTELFUSE-Q2015LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
More results


Similar Description - Q2015LT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q2004LT LITTELFUSE-Q2004LT Datasheet
139Kb / 6P
   Quadrac - Internally Triggered Triacs (4 A to 15 A)
logo
GE Solid State
MAC15 GESS-MAC15 Datasheet
149Kb / 4P
   15-A Silicon Triacs
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
Littelfuse
Q2X8E3 LITTELFUSE-Q2X8E3 Datasheet
230Kb / 10P
   Triacs (0.8 A to 35 A)
Q2006LH4 LITTELFUSE-Q2006LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
L2X8E3 LITTELFUSE-L2X8E3 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
NTE Electronics
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
   TRIAC - Internally Triggered
logo
STMicroelectronics
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com