Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SED1335-1 Datasheet (PDF) - List of Unclassifed Manufacturers

SED1335-1 Datasheet PDF - List of Unclassifed Manufacturers
Part # SED1335-1
Download  SED1335-1 Download

File Size   69.2 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS GRAPHIC LCD CONTROLLER

SED1335-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SED1335-1 Datasheet PDF - List of Unclassifed Manufacturers

Part # SED1335-1
Download  SED1335-1 Click to download

File Size   69.2 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description CMOS GRAPHIC LCD CONTROLLER

SED1335-1 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button SED1335-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SED1335-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

SED1335-1 Product details

• For Medium-Scale LCD

• Low Operating Voltage 2.7 to 5.0V

• On-Chip Character Generator ROM



■ DESCRIPTION

The SED1335 is a CMOS low-power dot matrix liquid crystal graphic display controller. The device stores in external RAM display data sent by an 8-bit microcomputer, and generates all the signals required by the LCD drivers. The LSI incorporates an internal character generator ROM which supports user-defined characters (also an external CGROM can be supported). The SED1335 can be interfaced to high-speed microprocessors such as the Intel family or Motorola family. The controller supports a set of rich commands that will allow the user to create a layered display of characters and graphics. Also, the controller functions as a pipeline buffer between the MPU and display memory so that low-cost, medium-speed SRAM can be used.



■ FEATURES

• CMOS low-power graphic and character display controller

• Selectable MPU interface is compatible with both the Intel family and the Motorola family

• Smooth scrolling support: Horizontal and vertical scroll Scrolling of selected areas of the display

• Multimode display:

2 layers of overlapping characters and graphics

3 layers of overlapping graphics

• Selectable display synthesis:

   Inverse video

  Flashing display, cursor on/off/blink

   Under and bar cursor, block cursor

  Simple animation

• Programmable cursor

• Internal character generator ROM

• Supports external character generator ROM:

  8 × 8 or 8 × 16 pixel characters

  Allowing mixing of ROM and RAM character sets

• Supports 64K bytes of memory:

  4K bytes of user-definable characters

  60K bytes of display memory

  in 2 of 32K × 8 100ns SRAM

  or in 8 of 8K × 8 100ns SRAM

• Display duty .................... 1/2 to 1/256

• Low power dissipation

   5mA (typical)

   0.05µA (typical), standby

• Logic power supply .......................... 2.7 to 5.5V

• Package: .................. Plastic QFP5-60 pin (F0A)

   Plastic QFP6-60 pin (F0B)




Similar Part No. - SED1335-1

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1335 EPSON-SED1335 Datasheet
467Kb / 94P
   LCD Controller ICs
SED1335D0A EPSON-SED1335D0A Datasheet
535Kb / 94P
   LCD Controller ICs
logo
List of Unclassifed Man...
SED1335F ETC-SED1335F Datasheet
388Kb / 148P
   LCD Controller ICs
logo
Epson Company
SED1335F EPSON-SED1335F Datasheet
467Kb / 94P
   LCD Controller ICs
SED1335F0A EPSON-SED1335F0A Datasheet
467Kb / 94P
   LCD Controller ICs
More results


Similar Description - SED1335-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1330 ETC-SED1330 Datasheet
97Kb / 14P
   CMOS GRAPHIC LCD CONTROLLER
SED1351F ETC-SED1351F Datasheet
195Kb / 4P
   CMOS GRAPHIC LCD CONTROLLER
SED1336 ETC1-SED1336 Datasheet
52Kb / 12P
   CMOS GRAPHIC LCD/TV CONTROLLER
logo
RAIO Technology Inc.
RA8870 RAIO-RA8870 Datasheet
228Kb / 9P
   Character/Graphic TFT LCD Controller
RA8875 RAIO-RA8875 Datasheet
194Kb / 9P
   Character/Graphic TFT LCD Controller
RA8802 RAIO-RA8802 Datasheet
80Kb / 7P
   Character/Graphic LCD-Controller Specification
RA8876 RAIO-RA8876 Datasheet
360Kb / 14P
   Character/Graphic TFT LCD Controller
RA8877 RAIO-RA8877 Datasheet
338Kb / 13P
   Character/Graphic TFT LCD Controller
RA8873L4N RAIO-RA8873L4N Datasheet
359Kb / 14P
   Character/Graphic TFT LCD Controller
RA8872 RAIO-RA8872 Datasheet
198Kb / 7P
   Character/Graphic TFT LCD Controller
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com