Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL354CEZ-RL7 Datasheet (PDF) - Analog Devices

ADXL354CEZ-RL7 Datasheet PDF - Analog Devices
Part # ADXL354CEZ-RL7
Download  ADXL354CEZ-RL7 Download

File Size   1528.55 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hermetic package offers excellent long-term stability

ADXL354CEZ-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADXL354CEZ-RL7 Datasheet PDF - Analog Devices

Part # ADXL354CEZ-RL7
Download  ADXL354CEZ-RL7 Click to download

File Size   1528.55 Kbytes
Page   42 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hermetic package offers excellent long-term stability

ADXL354CEZ-RL7 Datasheet (HTML) - Analog Devices

Back Button ADXL354CEZ-RL7 Datasheet HTML 1Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 2Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 3Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL354CEZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

ADXL354CEZ-RL7 Product details

GENERAL DESCRIPTION

The analog output ADXL354 and the digital output ADXL355 are low noise density, low 0 g offset drift, low power, 3-axis accelerometers with selectable measurement ranges. The ADXL354B supports the ±2 g and ±4 g ranges, the ADXL354C supports the ±2 g and ±8 g ranges, and the ADXL355 supports the ±2.048 g, ±4.096 g, and ±8.192 g ranges. The ADXL354/ADXL355 offer industry leading noise, minimal offset drift over temperature, and long term stability enabling precision applications with minimal calibration.



FEATURES

Hermetic package offers excellent long-term stability

0 g offset vs. temperature (all axes): 0.15 mg/°C maximum

Ultralow noise density (all axes): 20 μg/√Hz (ADXL354)

Low power, VSUPPLY (LDO enabled)

   ADXL354 in measurement mode: 150 μA

   ADXL355 in measurement mode: 200 μA

   ADXL354/ADXL355 in standby mode: 21 μA

ADXL354 has user adjustable analog output bandwidth

ADXL355 digital output features

   Digital serial peripheral interface (SPI)/I2C interfaces

   20-bit analog-to-digital converter (ADC)

   Data interpolation routine for synchronous sampling

   Programmable high- and low-pass digital filters

Electromechanical self test

Integrated temperature sensor

Voltage range options

   VSUPPLY with internal regulators: 2.25 V to 3.6 V

   V1P8ANA, V1P8DIG with internal low dropout regulator (LDO)

      bypassed: 1.8 V typical ± 10%

Operating temperature range: −40°C to +125°C

14-terminal, 6 mm × 6 mm × 2.1 mm, LCC package, 0.26 grams



APPLICATIONS

Inertial measurement units (IMUs)/altitude and heading reference systems (AHRSs)

Platform stabilization systems

Structural health monitoring

Seismic imaging

Tilt sensing

Robotics

Condition monitoring




Similar Part No. - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL AD-ADXL350BCEZ-RL Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
More results


Similar Description - ADXL354CEZ-RL7

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
   Excellent long term stability
logo
Ohmite Mfg. Co.
ACL-CRS OHMITE-ACL-CRS Datasheet
784Kb / 2P
   Excellent long-term stability and low inductance
logo
Murata Manufacturing Co...
R44E9 MURATA-R44E9 Datasheet
173Kb / 10P
   Excellent long time aging stability
logo
TE Connectivity Ltd
FPS2800B12C4 TEC-FPS2800B12C4 Datasheet
158Kb / 5P
   Highly reliable and long term stability
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com