Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX4314L Datasheet (PDF) - Gennum Corporation

GX4314L Datasheet PDF - Gennum Corporation
Part # GX4314L
Download  GX4314L Download

File Size   106.65 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GX4314L Low Power, Wideband 4 x 1 Video Multiplexer

GX4314L Datasheet (PDF)

Go To PDF Page Download Datasheet
GX4314L Datasheet PDF - Gennum Corporation

Part # GX4314L
Download  GX4314L Click to download

File Size   106.65 Kbytes
Page   4 Pages
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Description GX4314L Low Power, Wideband 4 x 1 Video Multiplexer

GX4314L Datasheet (HTML) - Gennum Corporation

GX4314L Datasheet HTML 1Page - Gennum Corporation GX4314L Datasheet HTML 2Page - Gennum Corporation GX4314L Datasheet HTML 3Page - Gennum Corporation GX4314L Datasheet HTML 4Page - Gennum Corporation

GX4314L Product details

DESCRIPTION
The GX4314L is a low power, wideband video multiplexer implemented in bipolar technology. This device is characterized by excellent differential gain and phase in the enabled state, very high off-isolation in the disabled state and a fully buffered, unilateral signal path.

FEATURES
• low power; 12 mA ON current at ±5 volts
• low differential gain and phase
• wide bandwidth; 100 MHz at -1 dB
• ±4.5 to ±11 volt power supplies
• available in 14 pin PDIP as well as 14 and 16 pin SOIC packaging
• identical functions and pin outs to GX4314 with lower power

APPLICATIONS
• Multimedia
• Computer graphics.
• Very high density video switching.
• PCM / data routing.




Similar Part No. - GX4314L

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CDB GENNUM-GX4314-CDB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
GX4314-CKB GENNUM-GX4314-CKB Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
More results


Similar Description - GX4314L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
logo
Intersil Corporation
HI-524 INTERSIL-HI-524_02 Datasheet
188Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Renesas Technology Corp
HI-524 RENESAS-HI-524 Datasheet
522Kb / 6P
   4-Channel Wideband and Video Multiplexer
logo
Intersil Corporation
HI-524 INTERSIL-HI-524 Datasheet
161Kb / 6P
   4-Channel Wideband and Video Multiplexer
July 1999
logo
Gennum Corporation
GX4314 GENNUM-GX4314 Datasheet
135Kb / 4P
   Wideband, Monolithic 4x1 Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC104 BURR-BROWN-MPC104 Datasheet
251Kb / 15P
   Wide-Bandwidth 2 x 1 VIDEO MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Vishay Siliconix
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
More results




About Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com