Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2084 Datasheet (PDF) - Integrated Device Technology

IDT82V2084 Datasheet PDF - Integrated Device Technology
Part # IDT82V2084
Download  IDT82V2084 Download

File Size   1642.19 Kbytes
Page   75 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT

IDT82V2084 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT82V2084 Datasheet PDF - Integrated Device Technology

Part # IDT82V2084
Download  IDT82V2084 Click to download

File Size   1642.19 Kbytes
Page   75 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT

IDT82V2084 Datasheet (HTML) - Integrated Device Technology

Back Button IDT82V2084 Datasheet HTML 1Page - Integrated Device Technology IDT82V2084 Datasheet HTML 2Page - Integrated Device Technology IDT82V2084 Datasheet HTML 3Page - Integrated Device Technology IDT82V2084 Datasheet HTML 4Page - Integrated Device Technology IDT82V2084 Datasheet HTML 5Page - Integrated Device Technology IDT82V2084 Datasheet HTML 6Page - Integrated Device Technology IDT82V2084 Datasheet HTML 7Page - Integrated Device Technology IDT82V2084 Datasheet HTML 8Page - Integrated Device Technology IDT82V2084 Datasheet HTML 9Page - Integrated Device Technology IDT82V2084 Datasheet HTML 10Page - Integrated Device Technology Next Button 

IDT82V2084 Product details

DESCRIPTION:

The IDT82V2084 can be configured as a quad T1, quad E1 or quad J1 Line Interface Unit. In receive path, an Adaptive Equalizer is integrated to remove the distortion introduced by the cable attenuation. The IDT82V2084 also performs clock/data recovery, AMI/B8ZS/HDB3 line decoding and detects and reports the LOS conditions. In transmit path, there is an AMI/B8ZS/HDB3 encoder, Waveform Shaper and LBOs. There is one Jitter Attenuator for each channel, which can be placed in either the receive path or the transmit path. The Jitter Attenuator can also be disabled.



FEATURES:

ï Four channel T1/E1/J1 long haul/short haul line interfaces

ï Supports HPS (Hitless Protection Switching) for 1+1 protection without external relays

ï Receiver sensitivity exceeds -36 dB@772KHz and -43 dB@1024KHz

ï Programmable T1/E1/J1 switchability allowing one bill of material for any line condition

ï Single 3.3 V power supply with 5 V tolerance on digital interfaces

ï Meets or exceeds specifications in

- ANSI T1.102, T1.403 and T1.408

- ITU I.431, G.703,G.736, G.775 and G.823

- ETSI 300-166, 300-233 and TBR 12/13

- AT&T Pub 62411

ï Per channel software selectable on:

- Wave-shaping templates for short haul and long haul LBO (Line Build Out)

- Line terminating impedance (T1:100 Ω, J1:110 Ω, E1:75 Ω/120 Ω)

- Adjustment of arbitrary pulse shape

- JA (Jitter Attenuator) position (receive path or transmit path)

- Single rail/dual rail system interfaces

- B8ZS/HDB3/AMI line encoding/decoding

- Active edge of transmit clock (TCLK) and receive clock (RCLK)

- Active level of transmit data (TDATA) and receive data (RDATA)

- Receiver or transmitter power down

- High impedance setting for line drivers

- PRBS (Pseudo Random Bit Sequence) generation and detection with 215 -1 PRBS polynomials for E1

- QRSS (Quasi Random Sequence Signals) generation and detection with 220-1 QRSS polynomials for T1/J1

- 16-bit BPV (Bipolar Pulse Violation)/Excess Zero/PRBS or QRSS error counter

- Analog loopback, Digital loopback, Remote loopback and Inband loopback

ï Per channel cable attenuation indication

ï Adaptive receive sensitivity

ï Non-intrusive monitoring per ITU G.772 specification

ï Short circuit protection for line drivers

ï LOS (Loss Of Signal) & AIS (Alarm Indication Signal) detection

ï JTAG interface

ï Supports serial control interface,Motorola and Intel Non-Multiplexed interfaces

ï Package: IDT82V2084: 128-pin TQFP




Similar Part No. - IDT82V2084

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
More results


Similar Description - IDT82V2084

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 68P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com