Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-MURB1620CTHM3 Datasheet (PDF) - Vishay Siliconix

VS-MURB1620CTHM3 Datasheet PDF - Vishay Siliconix
Part # VS-MURB1620CTHM3
Download  VS-MURB1620CTHM3 Download

File Size   188.4 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED Pt®

VS-MURB1620CTHM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-MURB1620CTHM3 Datasheet PDF - Vishay Siliconix

Part # VS-MURB1620CTHM3
Download  VS-MURB1620CTHM3 Click to download

File Size   188.4 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Ultrafast Rectifier, 2 x 8 A FRED Pt®

VS-MURB1620CTHM3 Datasheet (HTML) - Vishay Siliconix

VS-MURB1620CTHM3 Datasheet HTML 1Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 2Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 3Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 4Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 5Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 6Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 7Page - Vishay Siliconix VS-MURB1620CTHM3 Datasheet HTML 8Page - Vishay Siliconix

VS-MURB1620CTHM3 Product details

• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Meets JESD 201 class 1 whisker test




Similar Part No. - VS-MURB1620CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3 Datasheet
229Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt짰
01-Jan-2022
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3_V01 Datasheet
229Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt짰
01-Jan-2022
More results


Similar Description - VS-MURB1620CTHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-16CDU06-M3 VISHAY-VS-16CDU06-M3_V01 Datasheet
156Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-MUR1620CTPBF VISHAY-VS-MUR1620CTPBF Datasheet
161Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Aug-11
VS-MURB1620CTPBF VISHAY-VS-MURB1620CTPBF Datasheet
168Kb / 9P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 11-Mar-10
VS-16CDU06HM3 VISHAY-VS-16CDU06HM3_V01 Datasheet
158Kb / 7P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 18-Oct-16
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 18-Sep-14
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 15-Aug-11
VS-MURB2020CTPBF VISHAY-VS-MURB2020CTPBF Datasheet
170Kb / 9P
   Ultrafast Rectifier, 2 x 10 A FRED Pt®
Revision: 08-Apr-10
60CPU02-F VISHAY-60CPU02-F_12 Datasheet
165Kb / 7P
   Ultrafast Rectifier, FRED Pt®, 2 x 30 A
Revision: 26-Jan-12
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com