Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT30L60C-E3 Datasheet (PDF) - Vishay Siliconix

VT30L60C-E3 Datasheet PDF - Vishay Siliconix
Part # VT30L60C-E3
Download  VT30L60C-E3 Download

File Size   134.71 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A

VT30L60C-E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT30L60C-E3 Datasheet PDF - Vishay Siliconix

Part # VT30L60C-E3
Download  VT30L60C-E3 Click to download

File Size   134.71 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A

VT30L60C-E3 Datasheet (HTML) - Vishay Siliconix

VT30L60C-E3 Datasheet HTML 1Page - Vishay Siliconix VT30L60C-E3 Datasheet HTML 2Page - Vishay Siliconix VT30L60C-E3 Datasheet HTML 3Page - Vishay Siliconix VT30L60C-E3 Datasheet HTML 4Page - Vishay Siliconix VT30L60C-E3 Datasheet HTML 5Page - Vishay Siliconix

VT30L60C-E3 Product details

FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC

TYPICAL APPLICATIONS
  For use in high frequency converters, switching power supplies, freewheeling diodes, OR-ing diode, DC/DC converters, and reverse battery protection.




Similar Part No. - VT30L60C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT30L60C-E3 VISHAY-VT30L60C-E3 Datasheet
133Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
01-Jan-2022
VT30L60C-E3-4W VISHAY-VT30L60C-E3-4W Datasheet
129Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
VT30L60C-E3 VISHAY-VT30L60C-E3_V01 Datasheet
133Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
01-Jan-2022
More results


Similar Description - VT30L60C-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT30L60C-E3 VISHAY-VBT30L60C-E3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 03-Jan-17
VT4060C-E3 VISHAY-VT4060C-E3 Datasheet
134Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 15-Dec-16
VBT4060C-M3 VISHAY-VBT4060C-M3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 03-Jan-17
VFT4060C-E3 VISHAY-VFT4060C-E3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 22-Nov-13
VT60M45C-M3 VISHAY-VT60M45C-M3 Datasheet
140Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5 A
Revision: 10-May-16
VBT2045C-M3 VISHAY-VBT2045C-M3 Datasheet
89Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.33 V at IF = 5.0 A
Revision: 03-Jan-17
VT4045C-M3 VISHAY-VT4045C-M3 Datasheet
135Kb / 5P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.28 V at IF = 5.0 A
Revision: 15-Dec-16
VFT3045C-M3 VISHAY-VFT3045C-M3 Datasheet
88Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
Revision: 22-Nov-13
VBT3045C-E3 VISHAY-VBT3045C-E3 Datasheet
91Kb / 4P
   Dual Low-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.30 V at IF = 5.0 A
Revision: 09-Sep-13
VB20150C-M3 VISHAY-VB20150C-M3 Datasheet
89Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.59 V at IF = 5.0 A
Revision: 30-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com