Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5104 Datasheet (PDF) - Intersil Corporation

EL5104 Datasheet PDF - Intersil Corporation
Part # EL5104
Download  EL5104 Download

File Size   2619.74 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz Slew Enhanced VFA

EL5104 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5104 Datasheet PDF - Intersil Corporation

Part # EL5104
Download  EL5104 Click to download

File Size   2619.74 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz Slew Enhanced VFA

EL5104 Datasheet (HTML) - Intersil Corporation

Back Button EL5104 Datasheet HTML 1Page - Intersil Corporation EL5104 Datasheet HTML 2Page - Intersil Corporation EL5104 Datasheet HTML 3Page - Intersil Corporation EL5104 Datasheet HTML 4Page - Intersil Corporation EL5104 Datasheet HTML 5Page - Intersil Corporation EL5104 Datasheet HTML 6Page - Intersil Corporation EL5104 Datasheet HTML 7Page - Intersil Corporation EL5104 Datasheet HTML 8Page - Intersil Corporation EL5104 Datasheet HTML 9Page - Intersil Corporation EL5104 Datasheet HTML 10Page - Intersil Corporation Next Button 

EL5104 Product details

700MHz Slew-Enhanced VFAs

The EL5104, EL5105, EL5204, EL5205, and EL5304 represent high speed voltage feedback amplifiers based on the current feedback amplifier architecture. This gives the typical high slew rate benefits of a CFA family along with the stability and ease of use associated with the VFA type architecture. This family is available in single, dual, and triple versions, with 200MHz, 400MHz, and 700MHz versions. This family operates on single 5V or ±5V supplies from minimum supply current. The EL5104 and EL5204 also feature an output enable function, which can be used to put the output in to a high-impedance mode. This enables the outputs of multiple amplifiers to be tied together for use in multiplexing applications.

Features
• Specified for 5V or ±5V applications
• Power-down to 17µA
• -3dB bandwidth = 700MHz
• ±0.1dB bandwidth = 45MHz
• Low supply current = 9.5mA
• Slew rate = 7000V/µs
• Low offset voltage = 10mV max
• Output current = 160mA
• AVOL = 1400
• Diff gain/phase = 0.01%/0.02°
• Pb-free plus anneal available (RoHS compliant)

Applications
• Video amplifiers
• PCMCIA applications
• A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB applications
• Broadcast equipment
• Active filtering




Similar Part No. - EL5104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104IS INTERSIL-EL5104IS Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5104IS-T13 INTERSIL-EL5104IS-T13 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5104IS-T7 INTERSIL-EL5104IS-T7 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
More results


Similar Description - EL5104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com