Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC3616N Datasheet (PDF) - Fairchild Semiconductor

FDC3616N Datasheet PDF - Fairchild Semiconductor
Part # FDC3616N
Download  FDC3616N Download

File Size   173.19 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel PowerTrench MOSFET

FDC3616N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC3616N Datasheet PDF - Fairchild Semiconductor

Part # FDC3616N
Download  FDC3616N Click to download

File Size   173.19 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V N-Channel PowerTrench MOSFET

FDC3616N Datasheet (HTML) - Fairchild Semiconductor

FDC3616N Datasheet HTML 1Page - Fairchild Semiconductor FDC3616N Datasheet HTML 2Page - Fairchild Semiconductor FDC3616N Datasheet HTML 3Page - Fairchild Semiconductor FDC3616N Datasheet HTML 4Page - Fairchild Semiconductor FDC3616N Datasheet HTML 5Page - Fairchild Semiconductor FDC3616N Datasheet HTML 6Page - Fairchild Semiconductor FDC3616N Datasheet HTML 7Page - Fairchild Semiconductor

FDC3616N Product details

General Description

This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed.



Features

• 3.7 A, 100 V. RDS(ON) = 70 mΩ @ VGS = 10 V

                    RDS(ON) = 80 mΩ @ VGS = 6.0 V

• High performance trench technology for extremely low R DS(ON)

• Low gate charge (23nC typical)

• High power and current handling capability

• Fast switching speed.



Applications

• DC/DC converter

• Load Switching




Similar Part No. - FDC3616N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDC3612 KEXIN-FDC3612 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FDC3612-TP TECHPUBLIC-FDC3612-TP Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Similar Description - FDC3616N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com