Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP3055VL Datasheet (PDF) - Fairchild Semiconductor

MTP3055VL Datasheet PDF - Fairchild Semiconductor
Part # MTP3055VL
Download  MTP3055VL Download

File Size   42.29 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

MTP3055VL Datasheet (PDF)

Go To PDF Page Download Datasheet
MTP3055VL Datasheet PDF - Fairchild Semiconductor

Part # MTP3055VL
Download  MTP3055VL Click to download

File Size   42.29 Kbytes
Page   3 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

MTP3055VL Datasheet (HTML) - Fairchild Semiconductor

MTP3055VL Datasheet HTML 1Page - Fairchild Semiconductor MTP3055VL Datasheet HTML 2Page - Fairchild Semiconductor MTP3055VL Datasheet HTML 3Page - Fairchild Semiconductor

MTP3055VL Product details

General Description

This N-Channel Logic Level MOSFET has been designed specifically for low voltage, high speed switching applications i.e. power supplies and power motor controls.

This MOSFET features faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications.

The result is a MOSFET that is easy and safer to drive(even at very high frequencies).



Features

• 12 A, 60 V. RDS(ON)= 0.18 Ω @ VGS= 5 V

• Critical DC electrical parameters specified at elevated temperature.

• Low drive requirements allowing operation directly from logic drivers. Vgs(th) < 2 V.

• Rugged internal source-drain diode can eliminate the need for an external Zener diode transient suppressor.

• 175°C maximum junction temperature rating.




Similar Part No. - MTP3055VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP3055VL MOTOROLA-MTP3055VL Datasheet
161Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.18 OHM
logo
ON Semiconductor
MTP3055VL ONSEMI-MTP3055VL Datasheet
207Kb / 7P
   Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTP3055VL VBSEMI-MTP3055VL Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP3055VL ISC-MTP3055VL Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - MTP3055VL

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com