Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM358X Datasheet (PDF) - Silicon Laboratories

EM358X Datasheet PDF - Silicon Laboratories
Part # EM358X
Download  EM358X Download

File Size   8650.12 Kbytes
Page   59 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family

EM358X Datasheet (PDF)

Go To PDF Page Download Datasheet
EM358X Datasheet PDF - Silicon Laboratories

Part # EM358X
Download  EM358X Click to download

File Size   8650.12 Kbytes
Page   59 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family

EM358X Datasheet (HTML) - Silicon Laboratories

Back Button EM358X Datasheet HTML 1Page - Silicon Laboratories EM358X Datasheet HTML 2Page - Silicon Laboratories EM358X Datasheet HTML 3Page - Silicon Laboratories EM358X Datasheet HTML 4Page - Silicon Laboratories EM358X Datasheet HTML 5Page - Silicon Laboratories EM358X Datasheet HTML 6Page - Silicon Laboratories EM358X Datasheet HTML 7Page - Silicon Laboratories EM358X Datasheet HTML 8Page - Silicon Laboratories EM358X Datasheet HTML 9Page - Silicon Laboratories EM358X Datasheet HTML 10Page - Silicon Laboratories Next Button 

EM358X Product details

General Description
The Ember EM358x is a fully integrated System-on-Chip that integrates a 2.4 GHz, IEEE 802.15.4-2003-compliant transceiver, 32-bit ARM® CortexTM-M3 microprocessor, flash and RAM memory, and peripherals of use to designers of ZigBee-based systems.

Complete System-on-Chip
- 32-bit ARM® Cortex -M3 processor
- 2.4 GHz IEEE 802.15.4-2003 transceiver & lower MAC
- 256 or 512 kB flash, with optional read protection
- 32 or 64 kB RAM memory
- AES128 encryption accelerator
- Flexible ADC, UART/SPI/TWI serial communications, and general purpose timers
- Optional USB serial communications
- 24 highly configurable GPIOs with Schmitt trigger inputs

Industry-leading ARM® Cortex -M3 processor
- Leading 32-bit processing performance
- Highly efficient Thumb-2 instruction set
- Operation at 6, 12, or 24 MHz
- Flexible Nested Vectored Interrupt Controller

Low power consumption, advanced management
- RX Current (w/ CPU): 27 mA
- TX Current (w/ CPU, +3 dBm TX): 31 mA
- Low deep sleep current, with retained RAM and GPIO: 1.0 μA without/1.25 μA with sleep timer
- Low-frequency internal RC oscillator for low-power sleep timing
- High-frequency internal RC oscillator for fast (110 µs) processor start-up from sleep

Exceptional RF Performance
- Normal mode link budget up to 103 dB; configurable up to 110 dB
- –100 dBm normal RX sensitivity; configurable to –102 dBm (1% PER, 20 byte packet)
- +3 dB normal mode output power; configurable up to +8 dBm
- Robust Wi-Fi and Bluetooth coexistence

Innovative network and processor debug
- Packet Trace Port for non-intrusive packet trace with Ember development tools
- Serial Wire/JTAG interface
- Standard ARM debug capabilities: Flash Patch & Break-point; Data Watchpoint & Trace; Instrumentation Trace Macrocell

Application Flexibility
- Single voltage operation: 2.1–3.6 V with internal 1.8 and 1.25 V regulators
- Optional 32.768 kHz crystal for higher timer accuracy
- Low external component count with single 24 MHz crystal
- Support for external power amplifier
- Small 7x7 mm 48-pin QFN package




Similar Part No. - EM358X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM3581 SILABS-EM3581 Datasheet
901Kb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM3581-RTR SILABS-EM3581-RTR Datasheet
901Kb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM3582-RTR SILABS-EM3582-RTR Datasheet
901Kb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
logo
Eaton All Rights Reserv...
EM3583 EATON-EM3583 Datasheet
671Kb / 1P
   IDC Pluggable Block (Mates with EM3593 Series); 3.81 Centers
EM358302 EATON-EM358302 Datasheet
671Kb / 1P
   IDC Pluggable Block (Mates with EM3593 Series); 3.81 Centers
More results


Similar Description - EM358X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM3581 SILABS-EM3581 Datasheet
901Kb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM359X SILABS-EM359X Datasheet
8Mb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
RD-0002-0201 SILABS-RD-0002-0201 Datasheet
8Mb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
List of Unclassifed Man...
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
   High-performance, 802.15.4 wireless system-on-chip
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Silicon Laboratories
EM341 SILABS-EM341 Datasheet
3Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com