Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE219 Datasheet (PDF) - NEC

NE219 Datasheet PDF - NEC
Part # NE219
Download  NE219 Download

File Size   550.89 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

NE219 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE219 Datasheet PDF - NEC

Part # NE219
Download  NE219 Click to download

File Size   550.89 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON HIGH FREQUENCY TRANSISTOR

NE219 Datasheet (HTML) - NEC

Back Button NE219 Datasheet HTML 1Page - NEC NE219 Datasheet HTML 2Page - NEC NE219 Datasheet HTML 3Page - NEC NE219 Datasheet HTML 4Page - NEC NE219 Datasheet HTML 5Page - NEC NE219 Datasheet HTML 6Page - NEC NE219 Datasheet HTML 7Page - NEC NE219 Datasheet HTML 8Page - NEC NE219 Datasheet HTML 9Page - NEC NE219 Datasheet HTML 10Page - NEC Next Button 

NE219 Product details

DESCRIPTION AND APPLICATIONS
The NE219 series of NPN silicon bipolar transistors is designed for small signal amplifier and oscillator applications up 6 GHz. 

FEATURES
● HIGH fr: 8 GHz
● LOW NOISE:
   1 dB at 0.5 GHz
   2.2 dB at 2 GHz
● HIGH COLLECTOR CURRENT: 80 mA
● HIGH OSCILLATOR POWER OUTPUT:
   100 mW at 6 GHz
● EXCELLENT GENERAL PURPOSE TRANSOSTOR




Similar Part No. - NE219

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
NE21935 ASI-NE21935 Datasheet
35Kb / 1P
   NPN SILICON HI FREQUNCY TRANSISTOR
More results


Similar Description - NE219

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com