Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SZESD5Z2.5T1G Datasheet (PDF) - ON Semiconductor

SZESD5Z2.5T1G Datasheet PDF - ON Semiconductor
Part # SZESD5Z2.5T1G
Download  SZESD5Z2.5T1G Download

File Size   70.53 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage suppressors

SZESD5Z2.5T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SZESD5Z2.5T1G Datasheet PDF - ON Semiconductor

Part # SZESD5Z2.5T1G
Download  SZESD5Z2.5T1G Click to download

File Size   70.53 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage suppressors

SZESD5Z2.5T1G Datasheet (HTML) - ON Semiconductor

SZESD5Z2.5T1G Datasheet HTML 1Page - ON Semiconductor SZESD5Z2.5T1G Datasheet HTML 2Page - ON Semiconductor SZESD5Z2.5T1G Datasheet HTML 3Page - ON Semiconductor SZESD5Z2.5T1G Datasheet HTML 4Page - ON Semiconductor SZESD5Z2.5T1G Datasheet HTML 5Page - ON Semiconductor

SZESD5Z2.5T1G Product details

ESD Protection Diode
Micro−Packaged Diodes for ESD Protection

The ESD5Z Series is designed to protect voltage sensitive components from ESD and transient voltage events. Excellent clamping capability, low leakage, and fast response time, make these parts ideal for ESD protection on designs where board space is at a premium. Because of its small size, it is suited for use in cellular phones, portable devices, digital cameras, power supplies and many other portable applications.

Specification Features:
• Low Clamping Voltage
• Small Body Outline Dimensions:
                 0.047″ x 0.032″ (1.20 mm x 0.80 mm)
• Low Body Height: 0.028″ (0.7 mm)
• Stand−off Voltage: 2.5 V − 12 V
• Peak Power up to 240 Watts @ 8 x 20 μs Pulse
• Low Leakage
• Response Time is Typically < 1 ns
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• IEC61000−4−2 Level 4 ESD Protection
• IEC61000−4−4 Level 4 EFT Protection
• SZ Prefix for Automotive and Other Applications Requiring Unique
   Site and Control Change Requirements; AEC−Q101 Qualified and
   PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant*



Similar Part No. - SZESD5Z2.5T1G

ManufacturerPart #DatasheetDescription
ON Semiconductor
ON Semiconductor
SZESD5B5.0S ONSEMI-SZESD5B5.0S Datasheet
69Kb / 4P
   Transient Voltage Suppressor
November, 2015 ??Rev. 5
SZESD5B5.0ST1G ONSEMI-SZESD5B5.0ST1G Datasheet
69Kb / 4P
   Transient Voltage Suppressor
November, 2015 ??Rev. 5
More results

Similar Description - SZESD5Z2.5T1G

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
Fairchild Semiconductor
Fairchild Semiconductor
1V5KE6V8 FAIRCHILD-1V5KE6V8 Datasheet
85Kb / 4P
   Transient Voltage Suppressors
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
1.5KE6V8P NJSEMI-1.5KE6V8P Datasheet
213Kb / 1P
   Transient Voltage Suppressors
ON Semiconductor
ON Semiconductor
NUP4114UCLW1 ONSEMI-NUP4114UCLW1 Datasheet
129Kb / 4P
   Transient Voltage Suppressors
March, 2011 ??Rev. 0
NUP4201MR6 ONSEMI-NUP4201MR6_09 Datasheet
179Kb / 9P
   Transient Voltage Suppressors
September, 2009 ??Rev. 5
ESD5Z2.5T1-D ONSEMI-ESD5Z2.5T1-D Datasheet
148Kb / 5P
   Transient Voltage Suppressors
February, 2012 ??Rev. 10
Cystech Electonics Corp.
Cystech Electonics Corp...
P6KE550A CYSTEKEC-P6KE550A Datasheet
495Kb / 6P
   Transient Voltage Suppressors
ON Semiconductor
ON Semiconductor
ESD9B50ST5G ONSEMI-ESD9B50ST5G Datasheet
129Kb / 4P
   Transient Voltage Suppressors
December, 2011 ??Rev. 2
ESD9X7.0ST5G ONSEMI-ESD9X7.0ST5G Datasheet
118Kb / 5P
   Transient Voltage Suppressors
October, 2012 ??Rev. 7
Ruilongyuan Electronics Co.,Ltd
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
   Transient Voltage Suppressors
LCE RUILON-LCE Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com