Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M378T3354BG Datasheet (PDF) - Samsung semiconductor

M378T3354BG Datasheet PDF - Samsung semiconductor
Part # M378T3354BG
Download  M378T3354BG Download

File Size   367.17 Kbytes
Page   23 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DDR2 Unbuffered SDRAM MODULE

M378T3354BG Datasheet (PDF)

Go To PDF Page Download Datasheet
M378T3354BG Datasheet PDF - Samsung semiconductor

Part # M378T3354BG
Download  M378T3354BG Click to download

File Size   367.17 Kbytes
Page   23 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description DDR2 Unbuffered SDRAM MODULE

M378T3354BG Datasheet (HTML) - Samsung semiconductor

Back Button M378T3354BG Datasheet HTML 1Page - Samsung semiconductor M378T3354BG Datasheet HTML 2Page - Samsung semiconductor M378T3354BG Datasheet HTML 3Page - Samsung semiconductor M378T3354BG Datasheet HTML 4Page - Samsung semiconductor M378T3354BG Datasheet HTML 5Page - Samsung semiconductor M378T3354BG Datasheet HTML 6Page - Samsung semiconductor M378T3354BG Datasheet HTML 7Page - Samsung semiconductor M378T3354BG Datasheet HTML 8Page - Samsung semiconductor M378T3354BG Datasheet HTML 9Page - Samsung semiconductor M378T3354BG Datasheet HTML 10Page - Samsung semiconductor Next Button 

M378T3354BG Product details

DDR2 Unbuffered SDRAM MODULE
240pin Unbuffered Module based on 512Mb B-die
64/72-bit Non-ECC/ECC

Features
• Performance range
• JEDEC standard 1.8V ± 0.1V Power Supply
• VDDQ = 1.8V ± 0.1V
• 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin
• 4 Banks
• Posted CAS
• Programmable CAS Latency: 3, 4, 5
• Programmable Additive Latency: 0, 1 , 2 , 3 and 4
• Write Latency(WL) = Read Latency(RL) -1
• Burst Length: 4 , 8(Interleave/nibble sequential)
• Programmable Sequential / Interleave Burst Mode
• Bi-directional Differential Data-Strobe (Single-ended data-strobe is an optional feature)
• Off-Chip Driver(OCD) Impedance Adjustment
• On Die Termination
• Average Refresh Period 7.8us at lower than a TCASE 85°C, 3.9us at 85°C < TCASE < 95 °C
   - support High Temperature Self-Refresh rate enable feature
• Package: 60ball FBGA - 64Mx8 , 84ball FBGA - 32Mx16
• All of Lead-free products are compliant for RoHS




Similar Part No. - M378T3354BG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354BGZ0-CD5/CC SAMSUNG-M378T3354BGZ0-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M378T3354BGZ3-CD5/CC SAMSUNG-M378T3354BGZ3-CD5/CC Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
More results


Similar Description - M378T3354BG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M378T6453FZ0 SAMSUNG-M378T6453FZ0 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
M378T3253FGZ3-CE6 SAMSUNG-M378T3253FGZ3-CE6 Datasheet
382Kb / 20P
   DDR2 Unbuffered SDRAM MODULE
logo
Micron Technology
MT16HTF6464AY MICRON-MT16HTF6464AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
MT16HTF12864AY MICRON-MT16HTF12864AY Datasheet
420Kb / 21P
   DDR2 SDRAM Unbuffered DIMM
logo
White Electronic Design...
WV3HG264M64EEU-D4 WEDC-WV3HG264M64EEU-D4 Datasheet
197Kb / 11P
   1GB - 2x64Mx64 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG2128M64EEU-D6 WEDC-WV3HG2128M64EEU-D6 Datasheet
191Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
WV3HG2128M64EEU-D4 WEDC-WV3HG2128M64EEU-D4 Datasheet
199Kb / 11P
   2GB - 2x128Mx64 DDR2 SDRAM UNBUFFERED
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com