Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA-4 Datasheet (PDF) - Mini-Circuits

ERA-4 Datasheet PDF - Mini-Circuits
Part # ERA-4
Download  ERA-4 Download

File Size   79.98 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz

ERA-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
ERA-4 Datasheet PDF - Mini-Circuits

Part # ERA-4
Download  ERA-4 Click to download

File Size   79.98 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz

ERA-4 Datasheet (HTML) - Mini-Circuits

ERA-4 Datasheet HTML 1Page - Mini-Circuits ERA-4 Datasheet HTML 2Page - Mini-Circuits

ERA-4 Product details

features
• low thermal resistance
• miniature microwave amplifier
• frequency range, DC to 8 GHz, usable to 10 GHz
• up to 18.4 dBm typ. (16.5 dBm min) output power




Similar Part No. - ERA-4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ERA-4++ MINI-ERA-4+ Datasheet
280Kb / 1P
   AMPLIFIERS
ERA-4SM++ MINI-ERA-4SM+ Datasheet
117Kb / 1P
   AMPLIFIERS
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
   Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
More results


Similar Description - ERA-4

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
ERA-4XSM MINI-ERA-4XSM Datasheet
184Kb / 4P
   Surface Mount Monolithic Amplifier 50?? Broadband, DC to 4 GHz
ERA-5XSM MINI-ERA-5XSM Datasheet
253Kb / 4P
   Monolithic Amplifier 50OHM, Broadband, DC to 4 GHz
MNA-SERIES MINI-MNA-SERIES Datasheet
212Kb / 8P
   Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
logo
Marki Microwave
BTN1-0050 MARKIMICROWAVE-BTN1-0050 Datasheet
686Kb / 4P
   Broadband: 500 kHz to 50 GHz
BT-0050 MARKIMICROWAVE-BT-0050 Datasheet
725Kb / 5P
   Broadband: 4 kHz to 50 GHz
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
   Monolithic Amplifier DC-8 GHz
GALI-1 MINI-GALI-1 Datasheet
191Kb / 4P
   Monolithic Amplifier DC-8 GHz
logo
Marki Microwave
BAL-0050 MARKIMICROWAVE-BAL-0050 Datasheet
933Kb / 7P
   Broadband Isolation Balun (300KHz to 50 GHz)
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com