Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWX-3A14F Datasheet (PDF) - Cooper Bussmann, Inc.

FWX-3A14F Datasheet PDF - Cooper Bussmann, Inc.
Part # FWX-3A14F
Download  FWX-3A14F Download

File Size   40.58 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWX 250V (U.L.)

FWX-3A14F Datasheet (PDF)

Go To PDF Page Download Datasheet
FWX-3A14F Datasheet PDF - Cooper Bussmann, Inc.

Part # FWX-3A14F
Download  FWX-3A14F Click to download

File Size   40.58 Kbytes
Page   1 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description FWX 250V (U.L.)

FWX-3A14F Datasheet (HTML) - Cooper Bussmann, Inc.

FWX-3A14F Datasheet HTML 1Page - Cooper Bussmann, Inc.



Similar Part No. - FWX-3A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWX-3A14F COOPER-FWX-3A14F Datasheet
1Mb / 21P
   Ferrule fuses
FWX-3A14F COOPER-FWX-3A14F Datasheet
40Kb / 1P
   FWX 250V (U.L.) 1-30A 짰
More results


Similar Description - FWX-3A14F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWX-15A14F COOPER-FWX-15A14F Datasheet
40Kb / 1P
   FWX 250V (U.L.) 1-30A 짰
40-1000A COOPER-40-1000A Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.)
FWP-20A22F COOPER-FWP-20A22F Datasheet
40Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-20A14FI COOPER-FWP-20A14FI Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-1A14F COOPER-FWP-1A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
FWP-5A14F COOPER-FWP-5A14F Datasheet
42Kb / 1P
   FWP 660V/700V (IEC/U.L.)
logo
List of Unclassifed Man...
170M3819 ETC2-170M3819 Datasheet
43Kb / 2P
   690V/700V (IEC/U.L.) 40-1000A
logo
IRC - a TT electronics ...
F501 IRCTT-F501 Datasheet
209Kb / 2P
   U.L. Approved Dual Function Fuse Resistors
logo
Cooper Bussmann, Inc.
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com