Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1468 Datasheet (PDF) - NTE Electronics

NTE1468 Datasheet PDF - NTE Electronics
Part # NTE1468
Download  NTE1468 Download

File Size   21.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio, Low Power Output Amplifier

NTE1468 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1468 Datasheet PDF - NTE Electronics

Part # NTE1468
Download  NTE1468 Click to download

File Size   21.16 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Audio, Low Power Output Amplifier

NTE1468 Datasheet (HTML) - NTE Electronics

NTE1468 Datasheet HTML 1Page - NTE Electronics NTE1468 Datasheet HTML 2Page - NTE Electronics

NTE1468 Product details

Features:

• Low Noise: VNI = 1µVrms

• Wide Operating Supply Voltage Range: VCC = 3.5 to 25V

• 150mW Audio Output Power at VCC = 20V, RL = 150Ω



Applications:

• Line Output Amplifier

• Recording Head Driver and Headphone Driver of Tape Recorder Deck.



 




Similar Part No. - NTE1468

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1461 NTE-NTE1461 Datasheet
74Kb / 3P
   Integrated Circuit Phase Lock Loop (PLL) FM Stereo Demod
NTE1462 NTE-NTE1462 Datasheet
67Kb / 1P
   Integrated Circuit Audio Preamp
NTE1463 NTE-NTE1463 Datasheet
72Kb / 2P
   Integrated Circuit AF Power Amp for Tape Recorder
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 500mW
NTE1466 NTE-NTE1466 Datasheet
20Kb / 2P
   Integrated Circuit Preamp w/ALC Transistors
More results


Similar Description - NTE1468

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA6419P KEC-KIA6419P Datasheet
1Mb / 11P
   SILICON MONOLITHIC INTEGRATED CIRCUIT (LOW POWER AUDIO AMPLIFIER)
logo
NTE Electronics
NTE823 NTE-NTE823 Datasheet
20Kb / 3P
   Integrated Circuit Low Voltage Audio Amplifier
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
NTE1376 NTE-NTE1376 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 22W
NTE1465 NTE-NTE1465 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 500mW
NTE1378 NTE-NTE1378 Datasheet
24Kb / 3P
   Integrated Circuit Audio Power Amplifier, 10W
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com