Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXL2T245 Datasheet (PDF) - Fairchild Semiconductor

FXL2T245 Datasheet PDF - Fairchild Semiconductor
Part # FXL2T245
Download  FXL2T245 Download

File Size   357.1 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs

FXL2T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXL2T245 Datasheet PDF - Fairchild Semiconductor

Part # FXL2T245
Download  FXL2T245 Click to download

File Size   357.1 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs

FXL2T245 Datasheet (HTML) - Fairchild Semiconductor

FXL2T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 9Page - Fairchild Semiconductor

FXL2T245 Product details

General Description
The FXL2T245 is a configurable dual-voltage-supply translator designed for both uni-directional and bi-directional voltage translation between two logic levels. The device allows translation between voltages as high as 3.6V to as low as 1.1V. The A Port tracks the VCCA level, and the B Port tracks the VCCB level. This allows for bi-directional voltage translation over a variety of voltage levels: 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V.

Features
■ Bi-directional interface between any 2 levels from 1.1V to 3.6V
■ Fully configurable, inputs track VCC level
■ Non-preferential power-up sequencing; either VCC may be powered-up first
■ No power-up sequencing required
■ Outputs remain in 3-STATE until active VCC level is reached
■ Outputs switch to 3-STATE if either VCC is at GND
■ Power-off protection
■ Control inputs (T/R, OE) levels are referenced to VCCA voltage
■ Packaged in 10-lead Pb-Free MicroPak (1.6mm x 2.1mm) package
■ ESD protection exceeds:
   • 4kV HBM ESD
      (per JESD22-A114 & Mil Std 883e 3015.7)
   • 8kV HBM I/O to GND ESD
      (per JESD22-A114 & Mil Std 883e 3015.7)
   • 1kV CDM ESD (per ESD STM 5.3)
   • 200V MM ESD (per JESD22-A115 & ESD STM5.2)




Similar Part No. - FXL2T245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL2T245 ONSEMI-FXL2T245 Datasheet
728Kb / 13P
   Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
FXL2T245L10X ONSEMI-FXL2T245L10X Datasheet
728Kb / 13P
   Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
More results


Similar Description - FXL2T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com