Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPG2030TB Datasheet (PDF) - NEC

UPG2030TB Datasheet PDF - NEC
Part # UPG2030TB
Download  UPG2030TB Download

File Size   124.99 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 1W L, S-BAND SPDT SWITCH

UPG2030TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPG2030TB Datasheet PDF - NEC

Part # UPG2030TB
Download  UPG2030TB Click to download

File Size   124.99 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 1W L, S-BAND SPDT SWITCH

UPG2030TB Datasheet (HTML) - NEC

UPG2030TB Datasheet HTML 1Page - NEC UPG2030TB Datasheet HTML 2Page - NEC UPG2030TB Datasheet HTML 3Page - NEC UPG2030TB Datasheet HTML 4Page - NEC UPG2030TB Datasheet HTML 5Page - NEC UPG2030TB Datasheet HTML 6Page - NEC UPG2030TB Datasheet HTML 7Page - NEC UPG2030TB Datasheet HTML 8Page - NEC UPG2030TB Datasheet HTML 9Page - NEC



Similar Part No. - UPG2030TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPG2030TB RENESAS-UPG2030TB Datasheet
245Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
UPG2030TB-E3 RENESAS-UPG2030TB-E3 Datasheet
245Kb / 13P
   GaAs INTEGRATED CIRCUIT
2003
More results


Similar Description - UPG2030TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2015TB NEC-UPG2015TB Datasheet
129Kb / 9P
   NECs 1W SINGLE CONTROL L, S-BAND SPDT SWITCH
UPG2179TB NEC-UPG2179TB Datasheet
248Kb / 9P
   NECs 1.5W L, S-BAND SPDT SWITCH
UPG2009TB NEC-UPG2009TB Datasheet
134Kb / 8P
   NECs L, S-BAND 4W SPDT SWITCH
UPG2006TB NEC-UPG2006TB Datasheet
265Kb / 10P
   NECs 1.8 V L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2015TB CEL-UPG2015TB Datasheet
310Kb / 10P
   1W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
NEC
UPG2214TB NEC-UPG2214TB Datasheet
513Kb / 11P
   NECs 쩍W LOW VOLTAGE L, S-BAND SPDT SWITCH
UPG2012TK NEC-UPG2012TK Datasheet
306Kb / 7P
   NECs 쩌 W SINGLE CONTROL L, S-BAND SPDT SWITCH
logo
California Eastern Labs
UPG2008TK CEL-UPG2008TK Datasheet
155Kb / 2P
   NECs L,S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com