Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP3055 Datasheet (PDF) - Fairchild Semiconductor

RFP3055 Datasheet PDF - Fairchild Semiconductor
Part # RFP3055
Download  RFP3055 Download

File Size   418.34 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs

RFP3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP3055 Datasheet PDF - Fairchild Semiconductor

Part # RFP3055
Download  RFP3055 Click to download

File Size   418.34 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs

RFP3055 Datasheet (HTML) - Fairchild Semiconductor

RFP3055 Datasheet HTML 1Page - Fairchild Semiconductor RFP3055 Datasheet HTML 2Page - Fairchild Semiconductor RFP3055 Datasheet HTML 3Page - Fairchild Semiconductor RFP3055 Datasheet HTML 4Page - Fairchild Semiconductor RFP3055 Datasheet HTML 5Page - Fairchild Semiconductor RFP3055 Datasheet HTML 6Page - Fairchild Semiconductor RFP3055 Datasheet HTML 7Page - Fairchild Semiconductor RFP3055 Datasheet HTML 8Page - Fairchild Semiconductor

RFP3055 Product details

These are N-Channel enhancement mode silicon gate power field effect transistors. They are advanced power MOSFETs designed, tested, and guaranteed to withstand a

specified level of energy in the breakdown avalanche mode of operation. All of these power MOSFETs are designed for applications such as switching regulators, switching

convertors, motor drivers, relay drivers, and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA49082.



Features

• 12A, 60V

• rDS(ON)= 0.150Ω

• Temperature Compensating PSPICE®Model

• Peak Current vs Pulse Width Curve

• UIS Rating Curve

• 175°C Operating Temperature

• Related Literature

    - TB334 “Guidelines for Soldering Surface Mount
Components to PC Boards”




Similar Part No. - RFP3055

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP3055 INTERSIL-RFP3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
RFP3055 HARRIS-RFP3055 Datasheet
118Kb / 8P
   12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
logo
Fairchild Semiconductor
RFP3055LE FAIRCHILD-RFP3055LE Datasheet
416Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP3055LE INTERSIL-RFP3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP3055LE VBSEMI-RFP3055LE Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
More results


Similar Description - RFP3055

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD3055 INTERSIL-RFD3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD3055SM9A FAIRCHILD-RFD3055SM9A Datasheet
424Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
   15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
RFD12N06RLE INTERSIL-RFD12N06RLE Datasheet
49Kb / 6P
   12A, 60V, 0.135 Ohm, N-Channel, Logic Level, Power MOSFETs
RFP15N15 INTERSIL-RFP15N15 Datasheet
36Kb / 5P
   15A, 150V, 0.150 Ohm, N-Channel Power MOSFETs
RFD15P05 INTERSIL-RFD15P05 Datasheet
87Kb / 8P
   15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFG50N06 INTERSIL-RFG50N06 Datasheet
74Kb / 8P
   50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com