Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N65 Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # 3N65
Download  3N65 Download

File Size   648.61 Kbytes
Page   7 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description N-CHANNEL POWER MOSFET

3N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
3N65 Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # 3N65
Download  3N65 Click to download

File Size   648.61 Kbytes
Page   7 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description N-CHANNEL POWER MOSFET

3N65 Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 3N65 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd

3N65 Product details

DESCRIPTION
3N60 3N65 is a high voltage and high current power MOSFET , designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.

FEATURES
* RDS(ON) = 3.6Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - 3N65

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
3N65 NJSEMI-3N65 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Unisonic Technologies
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65A UTC-3N65A Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65A-TN3-T VBSEMI-3N65A-TN3-T Datasheet
1Mb / 9P
   Power MOSFET
logo
Unisonic Technologies
3N65G-K08-5060-R UTC-3N65G-K08-5060-R Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Similar Description - 3N65

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com