Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER3C Datasheet (PDF) - Zibo Seno Electronic Engineering Co.,Ltd

ER3C Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd
Part # ER3C
Download  ER3C Download

File Size   114.99 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE

ER3C Datasheet (PDF)

Go To PDF Page Download Datasheet
ER3C Datasheet PDF - Zibo Seno Electronic Engineering Co.,Ltd

Part # ER3C
Download  ER3C Click to download

File Size   114.99 Kbytes
Page   2 Pages
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd
Description 3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE

ER3C Datasheet (HTML) - Zibo Seno Electronic Engineering Co.,Ltd

ER3C Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd ER3C Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd

ER3C Product details

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Surge Overload Rating to 1 0 0A Peak
● Low Power Loss
● Super-Fast Recovery Time
● Plastic Case Material has UL Flammability
   Classification Rating 94V-O




Similar Part No. - ER3C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER3C PANJIT-ER3C Datasheet
50Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 600 Volts CURRENT - 3.0 Amperes)
ER3C PANJIT-ER3C Datasheet
119Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Nantong Hornby Electron...
ER3C HORNBY-ER3C Datasheet
381Kb / 3P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
Surge Components
ER3C SURGE-ER3C Datasheet
86Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 3.0 Amperes?
logo
Micro Commercial Compon...
ER3C MCC-ER3C Datasheet
299Kb / 4P
   3 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Similar Description - ER3C

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
ES3AF ZSELEC-ES3AF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER3A WTE-ER3A_06 Datasheet
48Kb / 4P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES3ABF ZSELEC-ES3ABF Datasheet
109Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES3A ZSELEC-ES3A Datasheet
126Kb / 2P
   3.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
SMBYW04-50 ZSELEC-SMBYW04-50 Datasheet
114Kb / 2P
   4.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Won-Top Electronics
ER1A WTE-ER1A_06 Datasheet
54Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
Zibo Seno Electronic En...
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com